công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LIS2MDL bảng dữ liệu(PDF) 15 Page - STMicroelectronics

tên linh kiện LIS2MDL
Giải thích chi tiết về linh kiện  Digital output magnetic sensor: ultra-low-power, high-performance 3-axis magnetometer
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LIS2MDL bảng dữ liệu(HTML) 15 Page - STMicroelectronics

Back Button LIS2MDL Datasheet HTML 11Page - STMicroelectronics LIS2MDL Datasheet HTML 12Page - STMicroelectronics LIS2MDL Datasheet HTML 13Page - STMicroelectronics LIS2MDL Datasheet HTML 14Page - STMicroelectronics LIS2MDL Datasheet HTML 15Page - STMicroelectronics LIS2MDL Datasheet HTML 16Page - STMicroelectronics LIS2MDL Datasheet HTML 17Page - STMicroelectronics LIS2MDL Datasheet HTML 18Page - STMicroelectronics LIS2MDL Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
DocID030621 Rev 5
15/41
LIS2MDL
Terminology
41
3
Terminology
3.1
Sensitivity
Sensitivity describes the ratio of the output digital data expressed in LSB units and the
applied magnetic field expressed in mG (milligauss). It can be measured, for example, by
applying a known magnetic field along one axis and measuring the digital output of the
device.
3.2
Zero-gauss level
Zero-gauss level offset (TyOff) describes the deviation of an actual output signal from the
ideal output if no magnetic field is present.
3.3
Magnetic dynamic range
The magnetic dynamic range is defined as the magnetic field driven along one sensitive
axis, giving the maximum digital output value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41