| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LS013B7DH05 bảng dữ liệu(PDF) 21 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LS013B7DH05 bảng dữ liệu(HTML) 21 Page - Sharp Corporation |
|
21 / 29 page ![]() SPEC No. LD-26912A MODEL No. LS013B7DH05 PAGE 19 6-6-5 COM Inversion There are two types of inputs, COM signal serial input (EXTMODE=”L”) and external COM signal input (EXTMODE=”H”). EXTMODE=“L” M1:LC polarity inversion flag: If M1 is "H" then VCOM="H" is output. If M1 is "L" then VCOM="L" is output. ※ 1:LC inversion has been changed by M1 flag statement. ※ 2:The periods of plus polarity and minus polarity should be same length as much as possible. EXTMODE="H" (COM inversion timing has two conditions ) SCS SI COM M0 M1 M2 M0 M2 M1 M2 M0 M1 fCOM ※ 2 ※ 2 ※ 1 ※ 1 ※ 1 SCS EXTCOMIN COM ※ 4:LC inversion polarity has been set by the rising edge of EXTCOMIN. ※ 5:The period of EXTCOMIN should be constant. fCOM ※ 5 ※5 ※ 4 fEXTCOMIN twEXTCOMINH ② ※ 4 : the EXTCOMIN input during low period of the SCS signal . |