| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP173WD1 bảng dữ liệu(PDF) 21 Page - LG Semicon Co.,Ltd. |
|
|
|||||||||||||||||||||||||||||
LP173WD1 bảng dữ liệu(HTML) 21 Page - LG Semicon Co.,Ltd. |
|
21 / 30 page ![]() Product Specification LP173WD1 Liquid Crystal Display LGD Proposal for system cover design. Gap check for securing the enough gap between LCM 3 Gap check for securing the enough gap between LCM and System hinge. LCM Reflector Side S-PCB COF (D-IC) Define 1 .At least 2.0mm of gap needs to be secured to prevent the shock related defects. 2 ”L” type of hinge is recommended than “I” type under shock test Side Mount Screw Hole (4ea) Hinge GAP:Min2.0mm (“I” TYPE) (“L” TYPE) 2.”L” type of hinge is recommended than “I” type under shock test. 4 Checking the path of the System wire. #1 #1 #2 #3 #4 #5 #6 #7 #8 1.COF area needs to be handled with care. Ok Bad Good #1 #2 #3 #4 #5 #6 #7 #8 Ver. 1.0 27.May, 2009 21/ 30 Define 2.GOOD Wire path design to system side. OK Wire path is located between COFs. BAD Wire path overlapped with COF area. |