| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1900B bảng dữ liệu(PDF) 2 Page - B&K Precision Corporation |
|
|
|||||||||||||||||||||||||||||
1900B bảng dữ liệu(HTML) 2 Page - B&K Precision Corporation |
|
2 / 3 page ![]() Switching DC Power Supplies 1900B Series 2 www.bkprecision.com Designed to Make Your Work Easier Fully Protected Have peace of mind knowing that these power supplies come with built-in OVP (overvoltage protection), OTP (overtemperature protection), and OLP (overload protection) circuitry. These protections help prevent serious damage to equipment in case of power supply failure. Custom Presets Quickly use common voltage and current settings with a flip of the Recall preset switch. Up to three different presets can be set and recalled. Analog Remote Control Capability Use the included connector to wire up to an external variable DC voltage source or variable resistor to remotely control the power supply’s output voltage and current or to turn the output on/off. PC Connectivity Control your instrument through remote control PC software or use programming commands to communicate with your instrument. Flexibility & Performance Rotary encoder knobs for quick and precise setting of voltage and current LED indicators for constant voltage and constant current modes Bright, dual LED displays Auxiliary output terminal Rear Control Indicator USB interface Analog remote control terminal Cooling fan Mode selection switch Remote sense (Model 1900B only) Recall preset switch Main output terminal Rear Panel |