| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP4067AB6F bảng dữ liệu(PDF) 7 Page - Lowpower Semiconductor inc |
|
|
|||||||||||||||||||||||||||||
LP4067AB6F bảng dữ liệu(HTML) 7 Page - Lowpower Semiconductor inc |
|
7 / 8 page ![]() LP4067-01 Dec.-2019 Email: marketing@lowpowersemi.com www.lowpowersemi.com Page 7 of 8 Preliminary Datasheet LP4067 Battery Temperature Detection The LP4067T continuously monitors temperature by measuring the voltage between the TS and GND pins. A negative or a positive temperature coefficient thermistor (NTC, PTC) and an external voltage divider typically develop this voltage. The LP4067T compares this voltage against its internal VTS-L and VTS-H thresholds to determine if charging is allowed. The temperature sensing circuit is immune to any fluctuation in VIN, since both the external voltage divider and the internal thresholds (VTS-L and VTS-H) are referenced to VIN. The resistor values of R1 and R2 are calculated by the following equations: For NTC Thermistors: ( ) ( ) ( ) ( ) ( ) For PTC Thermistors: ( ) ( ) ( ) ( ) ( ) K1(VTS-L)=30%, K2(VTS-H)=60%. Where RTL is the low temperature resistance and RTH is the high temperature resistance of thermistor, as specified by the thermistor manufacturer. R1 or R2 can be omitted if only one temperature (low or high) setting is required. Applying a voltage between the VTS-L and VTS-H thresholds to pin TS disables the temperature-sensing feature. Thermal Limiting An internal thermal feedback loop reduces the ISET programmed charge current if the die temperature attempts to rise above a preset value of approximately 125°C. This feature protects the LP4067 from excessive temperature and allows the user to push the limits of the power handling capability of a given circuit board without risk of damaging the LP4067. The charge current can be set according to typical (not worst-case) ambient temperature with the assurance that the charger will automatically reduce the current in worst-case conditions. |