| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5000 bảng dữ liệu(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
5000 bảng dữ liệu(HTML) 34 Page - Texas Instruments |
|
34 / 42 page ![]() GND GND 0.1uF 0.1uF GND GND 75 75 GND 4700pF C16 C17 P$1 P$1 P$2 P$2 P$3 P$3 P$6 P$6 P$7 P$7 P$8 P$8 P$9 P$9 P$10 P$10 P$11 P$11 P$14 P$14 P$15 P$15 P$16 P$16 P$1 1 P$2 2 P$3 3 P$4 4 P$5 5 P$6 6 P$7 7 P$8 8 R32 R43 CHASSIS 9 CHASSIS 10 RX+ 3 RX- 6 TERM1A 4 TERM1B 5 TERM2A 7 TERM2B 8 TX+ 1 TX- 2 C31 EN0RXI_N/5.3B EN0RXI_P/5.3B EN0TXO_N/5.3B EN0TXO_P/5.3B PF4/3.2C PF0/3.2C MCU_3V3/5.2A A B C D E A B C D E 1 2 3 4 5 6 U10 U13 U14 For Ethernet example Applications: LED4 is default configured as Ethernet Link OK LED3 is default configured as Ethernet TX/RX activity User may re-configure these pins / LED's for any application usage. Place pull up resistors and C16-C17 near TM4C MCU. Place C18 and C22 near pin 2 and pin 7 of U$10 U10 May be populated with either HX1188FNL or HX1198FNL. HX1198FNL preferred for best Ethernet performance. |