công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS7C331MPFD32A-133TQI bảng dữ liệu(PDF) 4 Page - Alliance Semiconductor Corporation

tên linh kiện AS7C331MPFD32A-133TQI
Giải thích chi tiết về linh kiện  3.3V 1M x 32/36 pipelined burst synchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ALSC [Alliance Semiconductor Corporation]
Trang chủ  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS7C331MPFD32A-133TQI bảng dữ liệu(HTML) 4 Page - Alliance Semiconductor Corporation

  AS7C331MPFD32A-133TQI Datasheet HTML 1Page - Alliance Semiconductor Corporation AS7C331MPFD32A-133TQI Datasheet HTML 2Page - Alliance Semiconductor Corporation AS7C331MPFD32A-133TQI Datasheet HTML 3Page - Alliance Semiconductor Corporation AS7C331MPFD32A-133TQI Datasheet HTML 4Page - Alliance Semiconductor Corporation AS7C331MPFD32A-133TQI Datasheet HTML 5Page - Alliance Semiconductor Corporation AS7C331MPFD32A-133TQI Datasheet HTML 6Page - Alliance Semiconductor Corporation AS7C331MPFD32A-133TQI Datasheet HTML 7Page - Alliance Semiconductor Corporation AS7C331MPFD32A-133TQI Datasheet HTML 8Page - Alliance Semiconductor Corporation AS7C331MPFD32A-133TQI Datasheet HTML 9Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
®
AS7C331MPFD32A
AS7C331MPFD36A
2/10/05, v.1.1
Alliance Semiconductor
4 of 19
Functional description
The AS7C331MPFD32A/36A is a high-performance CMOS 32-Mbit Synchronous Static Random Access Memory (SRAM)
device organized as 1,048,576 words x 32/36. It incorporates a two-stage register-register pipeline for highest frequency on any
given technology.
Fast cycle times of 5/6/7.5 ns with clock access times (tCD) of 3.1/3.5/3.8 ns enable 200,166and 133MHz bus frequencies.
Three chip enable (CE) inputs permit easy memory expansion. Burst operation is initiated in one of two ways: the controller
address strobe (ADSC), or the processor address strobe (ADSP). The burst advance pin (ADV) allows subsequent internally
generated burst addresses.
Read cycles are initiated with ADSP (regardless of WE and ADSC) using the new external address clocked into the on-chip
address register when ADSP is sampled low, the chip enables are sampled active, and the output buffer is enabled with OE. In
a read operation, the data accessed by the current address registered in the address registers by the positive edge of CLK are
carried to the data-out registers and driven on the output pins on the next positive edge of CLK. ADV is ignored on the clock
edge that samples ADSP asserted, but is sampled on all subsequent clock edges. Address is incremented internally for the next
access of the burst when ADV is sampled low and both address strobes are high. Burst mode is selectable with the LBO input.
With LBO unconnected or driven high, burst operations use an interleaved count sequence. With LBO driven low, the device
uses a linear count sequence.
Write cycles are performed by disabling the output buffers with OE and asserting a write command. A global write enable
GWE writes all 32/36 bits regardless of the state of individual BW[a:d] inputs. Alternately, when GWE is high, one or more
bytes may be written by asserting BWE and the appropriate individual byte BWn signals.
BWn is ignored on the clock edge that samples ADSP low, but it is sampled on all subsequent clock edges. Output buffers are
disabled when BWn is sampled LOW regardless of OE. Data is clocked into the data input register when BWn is sampled low.
Address is incremented internally to the next burst address if BWn and ADV are sampled low. This device operates in double-
cycle deselect feature during read cycles.
Read or write cycles may also be initiated with ADSC instead of ADSP. The differences between cycles initiated with ADSC
and ADSP follow.
ADSP must be sampled high when ADSC is sampled low to initiate a cycle with ADSC.
WE signals are sampled on the clock edge that samples ADSC low (and ADSP high).
Master chip enable CE0 blocks ADSP, but not ADSC.
The AS7C331MPFD32A/36A family operates from a core 3.3V power supply. I/Os use a separate power supply that can
operate at 2.5V or 3.3V. These devices are available in a 100-pin TQFP package.
TQFP capacitance
* Guaranteed not tested
TQFP thermal resistance
Parameter
Symbol
Test conditions
Min
Max
Unit
Input capacitance
CIN*
VIN = 0V
-
5
pF
I/O capacitance
CI/O*
VOUT = 0V
-
7
pF
Description
Conditions
Symbol
Typical
Units
Thermal resistance
(junction to ambient)1
1 This parameter is sampled
Test conditions follow standard test methods
and procedures for measuring thermal
impedance, per EIA/JESD51
1–layer
θJA
40
°C/W
4–layer
θJA
22
°C/W
Thermal resistance
(junction to top of case)1
θJC
8
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com