| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E39-R6 bảng dữ liệu(PDF) 1 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E39-R6 bảng dữ liệu(HTML) 1 Page - Omron Electronics LLC |
|
1 / 15 page ![]() 1 CSM_E3Z-LT_LR_LL_DS_E_6_8 Compact Laser Photoelectric Sensor with Built-in Amplifier E3Z-LT/LR/LL For the most recent information on models that have been certified for safety standards, refer to your OMRON website. Applications Greatly Enhanced Beam Visibility for Easier Optical Axis Adjustment of Sensors Detect the sides of large tiles. Detect chip components on tape. Long-distance Sensing at 300 mm (White Paper) Reliable Detection of Small Objects and Narrow Gaps with the Small Spot Count bottles. Detect protruding straws. A Low Black/White Error for Applications with Mixed Colors Compact and Reliable Laser Photoelectric Sensor • Safety and reliability with laser class 1 (JIS and IEC). • Product lineup includes models with distance setting without influence of color. • Maximum ambient operating temperature of 55 °C and water- proof construction in E3Z class. Be sure to read Safety Precautions on page 9. |
Số phần tương tự - E39-R6 |
|
Mô tả tương tự - E39-R6 |