công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STK2MV64CC bảng dữ liệu(PDF) 20 Page - Intel Corporation

tên linh kiện STK2MV64CC
Giải thích chi tiết về linh kiện  Intel Compute Stick
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

STK2MV64CC bảng dữ liệu(HTML) 20 Page - Intel Corporation

Back Button STK2MV64CC Datasheet HTML 16Page - Intel Corporation STK2MV64CC Datasheet HTML 17Page - Intel Corporation STK2MV64CC Datasheet HTML 18Page - Intel Corporation STK2MV64CC Datasheet HTML 19Page - Intel Corporation STK2MV64CC Datasheet HTML 20Page - Intel Corporation STK2MV64CC Datasheet HTML 21Page - Intel Corporation STK2MV64CC Datasheet HTML 22Page - Intel Corporation STK2MV64CC Datasheet HTML 23Page - Intel Corporation STK2MV64CC Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 33 page
background image
20
NOTE
Intel AMT requires the Compute Stick to have network hardware and software, as well as
connection with a power source, a corporate network connection, and an Intel AMT-enabled
remote management console. Setup requires additional configuration of the platform.
For information about
Refer to
Intel Active Management Technology
http://www.intel.com/technology/platform-technology/intel-
amt/index.htm
1.12.1.2
Intel® Virtualization Technology
Intel Virtualization Technology (Intel VT) is a hardware-assisted technology that, when
combined with software-based virtualization solutions, provides maximum system utilization by
consolidating multiple environments into a single server or client.
NOTE
A processor with Intel VT does not guarantee that virtualization will work on your Compute Stick.
Intel VT requires enabling software and/or operating system, device drivers, and applications
designed for this feature.
For information about
Refer to
Intel Virtualization Technology
http://www.intel.com/technology/virtualization/technology.htm
1.12.1.3
Intel® Virtualization Technology for Directed I/O
Only available on the STK2MV64CC. Intel Virtualization Technology for Directed I/O (Intel VT-d)
allows addresses in incoming I/O device memory transactions to be remapped to different host
addresses. This provides Virtual Machine Monitor (VMM) software with:
Improved reliability and security through device isolation using hardware assisted remapping.
Improved I/O performance and availability by direct assignment of devices.
For information about
Refer to
Intel Virtualization Technology for Directed I/O
https://software.intel.com/en-
us/node/139035?wapkw=vt+directed+io
1.12.1.4
Intel® Trusted Execution Technology
Only available on the STK2MV64CC. Intel Trusted Execution Technology (Intel TXT) is a
hardware security solution that protects systems against software-based attacks by validating
the behavior of key components at startup against a known good source. It requires that Intel
VT be enabled and the presence of a TPM.
For information about
Refer to
Intel Trusted Execution Technology
http://www.intel.com/content/www/us/en/architecture-and-
technology/trusted-execution-technology/malware-reduction-
general-technology.html



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com