công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAME70N21 bảng dữ liệu(PDF) 33 Page - Microchip Technology

tên linh kiện SAME70N21
Giải thích chi tiết về linh kiện  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAME70N21 bảng dữ liệu(HTML) 33 Page - Microchip Technology

Back Button SAME70N21 Datasheet HTML 29Page - Microchip Technology SAME70N21 Datasheet HTML 30Page - Microchip Technology SAME70N21 Datasheet HTML 31Page - Microchip Technology SAME70N21 Datasheet HTML 32Page - Microchip Technology SAME70N21 Datasheet HTML 33Page - Microchip Technology SAME70N21 Datasheet HTML 34Page - Microchip Technology SAME70N21 Datasheet HTML 35Page - Microchip Technology SAME70N21 Datasheet HTML 36Page - Microchip Technology SAME70N21 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
20.
Universal Synchronous Asynchronous Receiver Transmitter (USART)
20.1
Flow Control with DMA
The RTS signal is not connected to the DMA. Therefore, when DMA is used, Flow Control is not
supported.
Workaround
None.
Affected Silicon Revisions
A
B
X
X
20.2
Bad Frame Detection
If a bad frame is received (i.e., incorrect baud rate) with the last data bit being sampled at 1, frame error
detection does not occur.
Workaround
There is no general workaround. When performing baud rate detection with receive part, the transmit
frame must be sent with a parity bit set to '0'.
Affected Silicon Revisions
A
B
X
X
SAM E70/S70/V70/V71 Family
Universal Synchronous Asynchronous Receiver Transm...
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41