công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAMS70J21 bảng dữ liệu(PDF) 32 Page - Microchip Technology

tên linh kiện SAMS70J21
Giải thích chi tiết về linh kiện  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMS70J21 bảng dữ liệu(HTML) 32 Page - Microchip Technology

Back Button SAMS70J21 Datasheet HTML 28Page - Microchip Technology SAMS70J21 Datasheet HTML 29Page - Microchip Technology SAMS70J21 Datasheet HTML 30Page - Microchip Technology SAMS70J21 Datasheet HTML 31Page - Microchip Technology SAMS70J21 Datasheet HTML 32Page - Microchip Technology SAMS70J21 Datasheet HTML 33Page - Microchip Technology SAMS70J21 Datasheet HTML 34Page - Microchip Technology SAMS70J21 Datasheet HTML 35Page - Microchip Technology SAMS70J21 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
19.
TWI High-Speed (TWIHS)
19.1
I2C Hold Timing Incompatibility
The TWIHS module is not compatible with I2C hold timing. The divider to program the hold time is too
short to achieve the expected hold time at high frequency. The achieved time is 227 ns maximum at 150
MHz, instead of the required 300 ns.
Workaround
None.
Affected Silicon Revisions
A
B
X
X
19.2
Clear Command
A bus reset using the CLEAR bit of the TWIHS Control register does not work correctly during a bus busy
state.
Workaround
Reconfigure the TWCK line in GPIO output and generate nine clock pulses through software to unlock
the I2C device.
Once this is done, the TWCK line can be reconfigured as a peripheral line.
Affected Silicon Revisions
A
B
X
X
SAM E70/S70/V70/V71 Family
TWI High-Speed (TWIHS)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41