| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAMS70N21 bảng dữ liệu(PDF) 29 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMS70N21 bảng dữ liệu(HTML) 29 Page - Microchip Technology |
|
29 / 41 page ![]() 16. Static Memory Controller (SMC) 16.1 SMC_WPSR Register Write Protection When the write protection feature is enabled and a write attempt into a protected register is performed, the Write Protection Violation Source (WPVSRC) bit field in the SMC_WPSR register does not report the right violation source. As a consequence, the value in the WPVSRC bit field is incorrect. This issue does not affect the write protection feature itself, which is fully functional. Workaround None. Affected Silicon Revisions A B X SAM E70/S70/V70/V71 Family Static Memory Controller (SMC) © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 29 |