công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAMS70Q21 bảng dữ liệu(PDF) 8 Page - Microchip Technology

tên linh kiện SAMS70Q21
Giải thích chi tiết về linh kiện  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMS70Q21 bảng dữ liệu(HTML) 8 Page - Microchip Technology

Back Button SAMS70Q21 Datasheet HTML 4Page - Microchip Technology SAMS70Q21 Datasheet HTML 5Page - Microchip Technology SAMS70Q21 Datasheet HTML 6Page - Microchip Technology SAMS70Q21 Datasheet HTML 7Page - Microchip Technology SAMS70Q21 Datasheet HTML 8Page - Microchip Technology SAMS70Q21 Datasheet HTML 9Page - Microchip Technology SAMS70Q21 Datasheet HTML 10Page - Microchip Technology SAMS70Q21 Datasheet HTML 11Page - Microchip Technology SAMS70Q21 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 41 page
background image
...........continued
Module
Item and Feature
Summary
Affected Silicon
Revisions
A
B
MCAN
10.8 MCAN Data Bit
Timing and Prescaler
Register
On Revision A silicon, the MCAN Data
Bit Timing and Prescaler register
(MCAN_DBTP) is named MCAN Fast
Bit Timing and Prescaler register
(MCAN_FBTP).
X
MCAN
10.9 MCAN Nominal Bit
Timing and Prescaler
Register
On Revision A silicon, the MCAN
Nominal Bit Timing and Prescaler
register (MCAN_NBTP) is named MCAN
Bit Timing and Prescaler register
(MCAN_BTP).
X
MCAN
10.10 MCAN
Transmitter Delay
Compensation Register
In Revision A silicon, the MCAN
Transmitter Delay Compensation
Register (MCAN_TDCR) does not exist.
X
MCAN
10.11 Timestamping
Function
On Revision A silicon, TC Counter 0 is
not connected to PCK6 and PCK7;
therefore, the timestamping functionality
does not exist.
X
PIO
11.1 PIO Line
Configuration for AFEC
and DACC Analog
Inputs
To enable the analog inputs, AFE_ADx
or DACx, the pull-up resistors on the I/O
lines must be disabled in the PIO user
interface prior to writing registers
AFEC_CHER or DACC_CHER.
X
X
PMC
12.1 Wait Mode Exit
Fail from Flash
The delay to exit from Wait mode is too
short to respect the Flash wake-up time
from Stand-by mode and Deep Power-
down mode. This delay may lead to bad
opcode fetching.
X
X
PMC
12.2 PMC_OCR
Register Calibration
Reporting
When reading the PMC_OCR register
with the SEL8 and SEL12 bits cleared,
the CAL8 and CAL12 bits are not
updated with the manufacturing
calibration bits of the Main RC Oscillator.
However, the Main RC Oscillator is
loaded with this manufacturing
calibration data.
X
X
QSPI
13.1 Module Hangs with
Long DLYCS
The QSPI module hangs if a command
is written to any QSPI register during the
delay defined in the DLYCS bit. There is
no status bit to flag the end of the delay.
X
X
SAM E70/S70/V70/V71 Family
Silicon Issue Summary
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41