công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAMV71J20 bảng dữ liệu(PDF) 16 Page - Microchip Technology

tên linh kiện SAMV71J20
Giải thích chi tiết về linh kiện  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV71J20 bảng dữ liệu(HTML) 16 Page - Microchip Technology

Back Button SAMV71J20 Datasheet HTML 12Page - Microchip Technology SAMV71J20 Datasheet HTML 13Page - Microchip Technology SAMV71J20 Datasheet HTML 14Page - Microchip Technology SAMV71J20 Datasheet HTML 15Page - Microchip Technology SAMV71J20 Datasheet HTML 16Page - Microchip Technology SAMV71J20 Datasheet HTML 17Page - Microchip Technology SAMV71J20 Datasheet HTML 18Page - Microchip Technology SAMV71J20 Datasheet HTML 19Page - Microchip Technology SAMV71J20 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
6.
Extended DMA Controller (XDMAC)
6.1
TCM Accesses
If TCM accesses are generated through the AHBS port of the core, only 32-bit accesses are supported.
Accesses that are not 32-bit aligned may overwrite bytes at the beginning and at the end of 32-bit words.
Workaround
The user application must use 32-bit aligned buffers and buffers with a size of a multiple of 4 bytes when
transferring data to or from the TCM through the AHBS port of the core.
Affected Silicon Revisions
A
B
X
X
6.2
Byte and Half-Word Accesses
If XDMAC is used to transfer 8-bit or 16-bit data in Fixed Source Address mode or Fixed Destination
Address mode, source and destination addresses are incremented by 8-bit or 16-bit.
Workaround
The user can resolve this issue by setting the source and destination addressing mode to use microblock
and data striding with microblock stride set to 0 and data stride set to -1.
Affected Silicon Revisions
A
B
X
X
6.3
Request Overflow Error
When a DMA memory-to-memory transfer is performed, if the hardware request line selected by the field
PERID bit in the XDMAC_CCx register toggles when the copy is enabled, the ROIS bit in the
XDMAC_CISx register is set incorrectly. The memory transfer proceeds normally and the data area is
correctly transferred.
Workaround
Configure the PERID bit to an unused peripheral ID.
Affected Silicon Revisions
A
B
X
X
SAM E70/S70/V70/V71 Family
Extended DMA Controller (XDMAC)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com