| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAMV71Q20 bảng dữ liệu(PDF) 36 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMV71Q20 bảng dữ liệu(HTML) 36 Page - Microchip Technology |
|
36 / 41 page ![]() 23. Data Sheet Clarifications The following typographic corrections and clarifications are to be noted for the latest version of the device data sheet (DS60001527C): Note: Corrections in tables, registers, and text are shown in bold. Where possible, the original bold text formatting has been removed for clarity. 23.1 Controller Area Network (MCAN) The MCAN_CREL register reset value documented in the data sheet is applicable to devices with silicon revision B. The MCAN_CREL register reset value for devices with silicon revision A is 0x30130506. 23.2 Quad Serial Peripheral Interface (QSPI) The QSPI in SPI mode does not support the Wait Data Read Before Transfer feature, the WDRBT bit in the SPI Mode Register (SPI_MR) must be ignored. SAM E70/S70/V70/V71 Family Data Sheet Clarifications © 2018 Microchip Technology Inc. Datasheet Errata DS80000767C-page 36 |