công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAMV71Q19 bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện SAMV71Q19
Giải thích chi tiết về linh kiện  SAM E70/S70/V70/V71 Family Silicon Errata and Data Sheet Clarification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMV71Q19 bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button SAMV71Q19 Datasheet HTML 26Page - Microchip Technology SAMV71Q19 Datasheet HTML 27Page - Microchip Technology SAMV71Q19 Datasheet HTML 28Page - Microchip Technology SAMV71Q19 Datasheet HTML 29Page - Microchip Technology SAMV71Q19 Datasheet HTML 30Page - Microchip Technology SAMV71Q19 Datasheet HTML 31Page - Microchip Technology SAMV71Q19 Datasheet HTML 32Page - Microchip Technology SAMV71Q19 Datasheet HTML 33Page - Microchip Technology SAMV71Q19 Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 41 page
background image
17.
Serial Synchronous Controller (SSC)
17.1
Inverted Left/Right Channels
When the SSC is in Slave mode, the TF signal is derived from the codec and not controlled by the SSC.
The SSC transmits the data when detecting the falling edge on the TF signal after the SSC transmission
is enabled. In some cases of overflow, a left/right channel inversion may occur. When this occurs, the
SSC must be reinitialized.
Workaround
Using the SSC in Master mode will ensure that TF is controlled by the SSC and no error occurs. If the
SSC must be used in TF Slave mode, the SSC must be started by writing TXEN and RXEN
synchronously with the TXSYN flag rising in the SSC_SR.
Affected Silicon Revisions
A
B
X
17.2
Unexpected TD Output Delay
An unexpected delay on TD output may occur when the SSC is configured with the following conditions:
•
The START bit in the RCMR register = Start on falling edge/Start on Rising edge/Start on any edge
•
The FSOS bit in the RFMR register = None (input)
•
The START bit in the TCMR register = Receive Start
Under these conditions, an unexpected delay of two or three system clock cycles is added to the TD
output.
Workaround
None.
Affected Silicon Revisions
A
B
X
X
SAM E70/S70/V70/V71 Family
Serial Synchronous Controller (SSC)
© 2018 Microchip Technology Inc.
Datasheet Errata
DS80000767C-page 30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com