công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAMG55 bảng dữ liệu(PDF) 5 Page - ATMEL Corporation

tên linh kiện SAMG55
Giải thích chi tiết về linh kiện  SMART ARM-based Microcontrollers
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

SAMG55 bảng dữ liệu(HTML) 5 Page - ATMEL Corporation

  SAMG55 Datasheet HTML 1Page - ATMEL Corporation SAMG55 Datasheet HTML 2Page - ATMEL Corporation SAMG55 Datasheet HTML 3Page - ATMEL Corporation SAMG55 Datasheet HTML 4Page - ATMEL Corporation SAMG55 Datasheet HTML 5Page - ATMEL Corporation SAMG55 Datasheet HTML 6Page - ATMEL Corporation SAMG55 Datasheet HTML 7Page - ATMEL Corporation SAMG55 Datasheet HTML 8Page - ATMEL Corporation SAMG55 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
2.
Getting Started
2.1.
Xplained Pro Quick Start
Steps to start exploring the Atmel Xplained Pro platform:
1.
Download Atmel Studio.
2.
Launch Atmel Studio.
3.
Connect a USB cable (Standard-A to Micro-B or Micro-AB) between the PC and the DEBUG USB
port on the kit.
When the Xplained Pro MCU kit is connected to your computer for the first time, the operating system will
perform a driver software installation. The driver file supports both 32- and 64-bit versions of Microsoft
®
Windows
® XP, Windows Vista®, Windows 7, Windows 8, Windows 10, and Windows Server 2012.
Once the Xplained Pro MCU board is powered the green power LED will be lit and Atmel Studio will auto
detect which Xplained Pro MCU- and extension board(s) are connected. Atmel Studio will present
relevant information like datasheets and kit documentation. The kit landing page in Atmel Studio also has
the option to launch Atmel Software Framework (ASF) example applications for the kit. The SAM G55
device is programmed and debugged by the on-board Embedded Debugger and therefore no external
programmer or debugger tool is needed.
2.2.
Design Documentation and Relevant Links
The following list contains links to the most relevant documents and software for the SAM G55 Xplained
Pro.
•
Xplained products - Atmel Xplained evaluation kits are a series of easy-to-use evaluation kits for
Atmel microcontrollers and other Atmel products. For low pin-count devices the Xplained Nano
series provides a minimalistic solution with access to all I/O pins of the target microcontroller.
Xplained Mini kits are for medium pin-count devices and adds Arduino Uno compatible header
footprint and a prototyping area. Xplained Pro kits are for medium to high pin-count devices, they
features advanced debugging and standardized extensions for peripheral functions. All these kits
have on board programmers/debuggers which creates a set of low-cost boards for evaluation and
demonstration of features and capabilities of different Atmel products.
•
Atmel Studio - Free Atmel IDE for development of C/C++ and assembler code for Atmel
microcontrollers.
•
Atmel sample store - Atmel sample store where you can order samples of devices.
•
EDBG User Guide - User guide containing more information about the on-board Embedded
Debugger.
•
IAR Embedded Workbench
® for ARM® - This is a commercial C/C++ compiler that is available for
ARM
®. There is a 30 day evaluation version as well as a code size limited kick-start version
available from their website. The code size limit is 16KB for devices with M0, M0+, and M1 cores
and 32KB for devices with other cores.
•
Atmel Data Visualizer - Atmel Data Visualizer is a program used for processing and visualizing
data. Data Visualizer can receive data from various sources such as the Embedded Debugger Data
Gateway Interface found on Xplained Pro boards and COM ports.
•
Hardware Users Guide in PDF format - PDF version of this User Guide.
•
Design Documentation - Package containing CAD source, schematics, BOM, assembly drawings,
3D plots, layer plots etc.
Atmel SAM G55 Xplained Pro [USER GUIDE]
Atmel-42389B-SAM-G55-Xplained-Pro_User Guide-04/2016
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com