| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SAMD21J bảng dữ liệu(PDF) 12 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
SAMD21J bảng dữ liệu(HTML) 12 Page - Microchip Technology |
|
12 / 59 page ![]() Ordering Code FLASH (bytes) SRAM (bytes) Package Carrier Type ATSAMD21G18A-AU 256K 32K TQFP48 Tray ATSAMD21G18A-AUT Tape & Reel ATSAMD21G18A-AF Tray ATSAMD21G18A-AFT Tape & Reel ATSAMD21G18A-MU QFN48 Tray ATSAMD21G18A-MUT Tape & Reel ATSAMD21G18A-MF Tray ATSAMD21G18A-MFT Tape & Reel ATSAMD21G18A-UUT WLCSP45 Tape & Reel Table 3-5. Device Variant B Ordering Code FLASH (bytes) SRAM (bytes) Package Carrier Type ATSAMD21G15B-AU 32K 4K TQFP48 Tray ATSAMD21G15B-AUT Tape & Reel ATSAMD21G15B-AF Tray ATSAMD21G15B-AFT Tape & Reel ATSAMD21G15B-MU QFN48 Tray ATSAMD21G15B-MUT Tape & Reel ATSAMD21G15B-MF Tray ATSAMD21G15B-MFT Tape & Reel ATSAMD21G16B-AU 64K 8K TQFP48 Tray ATSAMD21G16B-AUT Tape & Reel ATSAMD21G16B-AF Tray ATSAMD21G16B-AFT Tape & Reel ATSAMD21G16B-MU QFN48 Tray ATSAMD21G16B-MUT Tape & Reel ATSAMD21G16B-MF Tray ATSAMD21G16B-MFT Tape & Reel 32-bit ARM-Based Microcontrollers © 2017 Microchip Technology Inc. Datasheet Summary 40001884A-page 12 |