công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SAMD21E bảng dữ liệu(PDF) 27 Page - Microchip Technology

tên linh kiện SAMD21E
Giải thích chi tiết về linh kiện  32-bit ARM-Based Microcontrollers
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SAMD21E bảng dữ liệu(HTML) 27 Page - Microchip Technology

Back Button SAMD21E Datasheet HTML 23Page - Microchip Technology SAMD21E Datasheet HTML 24Page - Microchip Technology SAMD21E Datasheet HTML 25Page - Microchip Technology SAMD21E Datasheet HTML 26Page - Microchip Technology SAMD21E Datasheet HTML 27Page - Microchip Technology SAMD21E Datasheet HTML 28Page - Microchip Technology SAMD21E Datasheet HTML 29Page - Microchip Technology SAMD21E Datasheet HTML 30Page - Microchip Technology SAMD21E Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
(INTFLAG) register. The interrupt flag is set when the interrupt condition occurs. Each interrupt in the
peripheral can be individually enabled by writing a one to the corresponding bit in the peripheral’s
Interrupt Enable Set (INTENSET) register, and disabled by writing a one to the corresponding bit in the
peripheral’s Interrupt Enable Clear (INTENCLR) register. An interrupt request is generated from the
peripheral when the interrupt flag is set and the corresponding interrupt is enabled. The interrupt requests
for one peripheral are ORed together on system level, generating one interrupt request for each
peripheral. An interrupt request will set the corresponding interrupt pending bit in the NVIC interrupt
pending registers (SETPEND/CLRPEND bits in ISPR/ICPR). For the NVIC to activate the interrupt, it
must be enabled in the NVIC interrupt enable register (SETENA/CLRENA bits in ISER/ICER). The NVIC
interrupt priority registers IPR0-IPR7 provide a priority field for each interrupt.
Table 7-3. Interrupt Line Mapping
Peripheral Source
NVIC Line
EIC NMI – External Interrupt Controller
NMI
PM – Power Manager
0
SYSCTRL – System Control
1
WDT – Watchdog Timer
2
RTC – Real Time Counter
3
EIC – External Interrupt Controller
4
NVMCTRL – Non-Volatile Memory Controller
5
DMAC - Direct Memory Access Controller
6
USB - Universal Serial Bus
7
EVSYS – Event System
8
SERCOM0 – Serial Communication Interface 0
9
SERCOM1 – Serial Communication Interface 1
10
SERCOM2 – Serial Communication Interface 2
11
SERCOM3 – Serial Communication Interface 3
12
SERCOM4 – Serial Communication Interface 4
13
SERCOM5 – Serial Communication Interface 5
14
TCC0 – Timer Counter for Control 0
15
TCC1 – Timer Counter for Control 1
16
TCC2 – Timer Counter for Control 2
17
TC3 – Timer Counter 3
18
TC4 – Timer Counter 4
19
TC5 – Timer Counter 5
20
TC6 – Timer Counter 6
21
TC7 – Timer Counter 7
22
ADC – Analog-to-Digital Converter
23
32-bit ARM-Based Microcontrollers
© 2017 Microchip Technology Inc.
Datasheet Summary
40001884A-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com