| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H5GQ2H24AFR-R0C bảng dữ liệu(PDF) 19 Page - Hynix Semiconductor |
|
|
|||||||||||||||||||||||||||||
H5GQ2H24AFR-R0C bảng dữ liệu(HTML) 19 Page - Hynix Semiconductor |
|
19 / 172 page ![]() This document is a general product description and is subject to change without notice. Hynix Semiconductor does not assume any responsability for use of circuits described. No patent licenses are implied. Rev. 1.2 /Nov. 2011 19 H5GQ2H24AFR Note.1 : Parameters tRTPS and tRTPL apply only when READ and PRECHARGE go to the same bank; use tRTPS when BG are disabled, and tRTPL when BG are enabled. Table 8 Command Sequences Affected by Bank Groups Command Sequence Corresponding AC Timing Parameter Notes Bank Groups Disabled Bank Groups Enabled Accesses to different bank groups Accesses within the same bank group ACTIVE to ACTIVE tRRDS tRRDS tRRDL WRITE to WRITE tCCDS tCCDS tCCDL READ to READ tCCDS tCCDS tCCDL Internal WRITE to READ tWTRS tWTRS tWTRL READ to PRECHARGE tRTPS 1 tck tRTPL 1 |