| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SARA-R410M-02B bảng dữ liệu(PDF) 39 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R410M-02B bảng dữ liệu(HTML) 39 Page - u-blox AG |
|
39 / 43 page ![]() SARA-R4 series - Data sheet UBX-16024152 - R18 Labeling and ordering information Page 39 of 43 Appendix A Glossary Abbreviation Definition ADC Analog to Digital Converter DDC Display Data Channel (I2C compatible) Interface DL Down-link (Reception) DRX Discontinuous Reception eDRX Extended Discontinuous Reception ERS External Reset Input Signal ESD Electrostatic Discharge FCC Federal Communication Commission (United States) FDD Frequency Division Duplex FOAT Firmware update Over AT commands FOTA Firmware update Over The Air FW Firmware GCF Global Certification Forum GDI Generic Digital Interfaces (power domain) GITEKI Gijutsu kijun tekigō shōmei - Japan technical standard conformity certification GND Ground GPIO General Purpose Input Output GSMA GSM Association I Input (means that this is an input port of the module) I2C Inter-Integrated Circuit Interface I2S Inter-Integrated circuit Sound Interface IFT Instituto Federal de Telecomunicaciones (Mexico) IMEI International Mobile Equipment Identity ISED Innovation, Science and Economic Development (Canada) LGA Land Grid Array LPWA Low Power Wide Area LTE Long Term Evolution LWM2M Open Mobile Alliance Lightweight Machine-to-Machine protocol N/A Not Applicable NCC National Communications Commission (Taiwan) O Output (means that this is an output port of the module) OD Open Drain PCN Product Change Notification / Sample Delivery Note / Information Note POS Power-On Input Signal PSM Power Saving Mode PTCRB PCS Type Certification Review Board RCM Regulatory Compliance Mark (Australia) RED Radio Equipment Directive (European Union) RMC Reference Measurement Channel SDIO Secure Digital Input Output SIM Subscriber Identity Module |