| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SARA-R412M-02B-01 bảng dữ liệu(PDF) 8 Page - u-blox AG |
|
|
|||||||||||||||||||||||||||||
SARA-R412M-02B-01 bảng dữ liệu(HTML) 8 Page - u-blox AG |
|
8 / 43 page ![]() SARA-R4 series - Data sheet UBX-16024152 - R18 Functional description Page 8 of 43 Item SARA-R404M SARA-R410M SARA-R412M SARA-N410 Protocol stack 3GPP Release 13 3GPP Release 13 3GPP Release 13 3GPP Release 13 RAT LTE Cat M1 Half-Duplex LTE Cat M1 Half-Duplex LTE Cat NB1 Half-Duplex 2, 4, 5, 7 LTE Cat M1 Half-Duplex LTE Cat NB1 Half-Duplex 2G GPRS / EGPRS LTE Cat NB1 Half-Duplex LTE FDD bands Band 13 (750 MHz) Band 1 (2100 MHz) 2, 5 Band 2 (1900 MHz) 7 Band 3 (1800 MHz) 2, 5 Band 4 (1700 MHz) 7 Band 5 (850 MHz) Band 8 (900 MHz) 2, 5 Band 12 (700 MHz) 7 Band 13 (750 MHz) 2, 7 Band 18 (850 MHz) 2, 4, 5, 7 Band 19 (850 MHz) 2, 4, 5 Band 20 (800 MHz) 2, 5, 7 Band 25 (1900 MHz) 2, 3, 4, 5, 6, 7 Band 26 (850 MHz) 2, 4, 5 Band 28 (700 MHz) 2, 5, 7 Band 2 (1900 MHz) Band 3 (1800 MHz) Band 4 (1700 MHz) Band 5 (850 MHz) Band 8 (900 MHz) Band 12 (700 MHz) Band 13 (750 MHz) Band 20 (800 MHz) Band 26 (850 MHz) 8 Band 28 (700 MHz) 8 Band 2 (1900 MHz) Band 3 (1800 MHz) Band 4 (1700 MHz) Band 5 (850 MHz) Band 8 (900 MHz) Band 12 (700 MHz) Band 13 (750 MHz) Band 20 (800 MHz) Band 28 (700 MHz) 2G bands GSM 850 MHz E-GSM 900 MHz DCS 1800 MHz PCS 1900 MHz Power class LTE Cat M1: Class 3 (23 dBm) LTE Cat M1 / NB19: Class 3 (23 dBm) LTE category M1 / NB1: Class 3 (23 dBm) 2G GMSK: Class 4 (33 dBm) for GSM/E-GSM bands Class 1 (30 dBm) for DCS/PCS bands 2G 8-PSK: Class E2 (27 dBm) for GSM/E-GSM bands Class E2 (26 dBm) for DCS/PCS bands LTE category NB1: Class 3 (23 dBm) Data rate LTE category M1: up to 375 kb/s UL up to 300 kb/s DL LTE category M1: up to 375 kb/s UL up to 300 kb/s DL LTE category NB19: up to 62.5 kb/s UL up to 27.2 kb/s DL LTE category M1: up to 375 kb/s UL up to 300 kb/s DL LTE category NB1: up to 62.5 kb/s UL up to 27.2 kb/s DL GPRS multi-slot class 3310: Up to 85.6 kb/s UL Up to 107 kb/s DL EGPRS multi-slot class 3310: Up to 236.8 kb/s UL Up to 296.0 kb/s DL LTE category NB1: up to 62.5 kb/s UL up to 27.2 kb/s DL Table 2: SARA-R4 series LTE Cat M1, LTE Cat NB1, EGPRS and GPRS characteristics 2 Not supported by the SARA-R410M-01B product version. 3 Not supported by the SARA-R410M-02B-00 product version. 4 Not supported by the SARA-R410M-52B-00 product version. 5 Not supported by the SARA-R410M-52B-01 product version. 6 Not supported in LTE Cat NB1 by the SARA-R410M-02B-01 product version. 7 Not supported by the SARA-R410M-63B and SARA-R410M-73B product version. 8 Not supported by the SARA-R412M-02B-00 product version. 9 LTE Cat NB1 not supported by SARA-R410M-01B, SARA-R410M-52B, SARA-R410M-63B, SARA-R410M-73B product versions. 10 GPRS/EGPRS multi-slot class 33 implies a maximum of 5 slots in Down-Link and 4 slots in Up-Link with 6 slots in total. |