công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TDP43ME bảng dữ liệu(PDF) 3 Page - PANDUIT CORP.

tên linh kiện TDP43ME
Giải thích chi tiết về linh kiện  After unpacking, please check the accessories that come with the package, and store appropriately.
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANDUIT [PANDUIT CORP.]
Trang chủ  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

TDP43ME bảng dữ liệu(HTML) 3 Page - PANDUIT CORP.

  TDP43ME Datasheet HTML 1Page - PANDUIT CORP. TDP43ME Datasheet HTML 2Page - PANDUIT CORP. TDP43ME Datasheet HTML 3Page - PANDUIT CORP. TDP43ME Datasheet HTML 4Page - PANDUIT CORP. TDP43ME Datasheet HTML 5Page - PANDUIT CORP. TDP43ME Datasheet HTML 6Page - PANDUIT CORP. TDP43ME Datasheet HTML 7Page - PANDUIT CORP. TDP43ME Datasheet HTML 8Page - PANDUIT CORP. TDP43ME Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
TDP43ME
TDP43ME: PA26305A01_07
11-2015
Safety Instructions
WARNING
Read and understand all of the instructions and safety information in this manual
before operating or servicing this tool.
WARNING
Hazardous moving parts. Keep fingers and other body parts away.
CAUTION
 Danger of explosion if battery is incorrectly replaced.
 Replace only with the equivalent type recommended by the manufacture.
 Dispose of used batteries according to the manufacturer’s instructions.
CAUTION
Electric Shock Hazard:
 Before you connect the equipment to the power outlet, please check the voltage of
the power source.
 Disconnect the equipment from the voltage of the power source to prevent
possible transient over voltage damage.
 Don’t pour any liquid to the equipment to avoid electrical shock.
CAUTION
 Keep the equipment away from moisture and humidity.
CAUTION
 ONLY qualified service personnel for safety reasons, should open equipment.
 Don’t repair or adjust energized equipment alone under any circumstances. Someone capable of
providing first aid must always be present for your safety.
 Always obtain first aid or medical attention immediately after an injury. Never neglect an injury, no
matter how slight it seems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63