| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPC-3150 bảng dữ liệu(PDF) 2 Page - Advantech Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
PPC-3150 bảng dữ liệu(HTML) 2 Page - Advantech Co., Ltd. |
|
2 / 2 page ![]() www.advantech.com/products Online Download Dimensions Unit: mm PPC-3150 I/O View A. 1 x Expansion slot (PCI or PCIe x1) B. Mic-in/Line-out C. 2 x Intel Gigabit Ethernet D. 1 x DisplayPort E. 2 x RS-232 F. 1 x Isolated RS-422/485 G. Power Button H. DC inlet and AT/ATX switch I. 1 x VGA J. 1 x USB3.0, 3 x USB2.0 A B E C D F G H I J Ordering Information Part Number Description PPC-3150-RE4BE True flat, Intel Atom E3845 Panel PC with 15" XGA panel, 5-wire resistive T/S PPC-3150-RE4BU True flat, Intel Atom E3845 Panel PC with 15" XGA panel, 5-wire resistive T/S , for U.S. only PPC-WLAN-C1E M.2 Wi-Fi Module with Antenna cable support 2T2R PPC-174T-WL-MTE Wall mount kit for PPC series PPC-ARM-A03 PPC ARM VESA Standard PPC-3150-COME Module to install either two additional RS-232 port or one additional RS-232 and one GPIO for PPC-3150/PPC-3170 96PSA-A90W19OT-3 A/D 100-240V 90W 19V C6 TERMINAL 2 PIN 62368 1700001524 Power cord 3P UL 10A 125V 1.8M 170203183C Power cord 3P Europe (WS-010+083) 183cm 1700008921 Power cord 3P/3P 1.8M PSE 96CB-POWER-B-1.8MB Power code 3P CCC(China) 1.8M PPC-STAND-A1E Stand For PPC Series 98R3C31500E PPC-315/317/319 internal USB dongle kits 98R3C31510E PPC-3150/3170 install CF card kits 98R3C31520E PPC-3150/PPC-3170 CFast card kits Environment Operating Temperature 0 ~ 50 °C (32 ~ 122 °F) with 2.5" SATA SSD -20 ~ 60 °C (-4 ~ 140 °F) with -40 ~ 85 °C mSATA or 2.5" SATA SSD Storage Temperature -40 ~ 60 °C (-40 ~ 140 °F) Relative Humidity 10 ~ 95% @ 40 °C (non-condensing) Shock Operating 10 G peak acceleration (11 ms duration), follow IEC 60068-2-27 Vibration Operating Random Vibration Test 5 ~ 500Hz, 1Grms @with HDD, follow IEC 60068-2-64 EMC BSMI, CE, FCC Class A Safety CB, CCC, BSMI, UL Front Panel Protection IP65 compliant Panel Cutout Dimensions: 381 x 302 mm (15 x 11.88 in) 75 379.4 392.26 158.13 |