| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PL2303 bảng dữ liệu(PDF) 8 Page - Prolific Technology Inc. |
|
|
|||||||||||||||||||||||||||||
PL2303 bảng dữ liệu(HTML) 8 Page - Prolific Technology Inc. |
|
8 / 30 page ![]() Revised Date: March 20, 2013 ds_pl2303HXD_v1.4.4 PL-2303HX (Rev D) Product Datasheet - 8 - Document Version 1.4.4 1.1 Royalty-Free Driver Support Windows 8, 7, Vista, XP, 2000 (Microsoft Certified WHQL Drivers) o Windows Update Driver installation available in Windows Vista, 7, and 8 (32/64-bit) o Download: http://www.prolific.com.tw/US/ShowProduct.aspx?p_id=225&pcid=41 Windows Server 2003, 2008, 2008 R2, 2012 Windows XP Embedded (XPe), Point-of-Service (WEPOS), and POSReady Windows CE 4.2, 5.0, 6.0, and Windows Embedded Compact 7 o Requires customer SDK image file for customizing WinCE 6.0 and 7.0 drivers. Mac OS 8/9, OS X (supports latest Mac OS X 10.8 Mountain Lion) o Download: http://www.prolific.com.tw/US/ShowProduct.aspx?p_id=229&pcid=41 Linux/Android kernel 2.4.31 and above includes built-in drivers (pl2303.c) o Android requires root permission for accessing virtual serial port (ttyusb) Android Java Driver Library (requires Android 3.2 and above with USB Host or OTG) o No root permission needed o Download: http://www.prolific.com.tw/US/ShowProduct.aspx?p_id=230&pcid=41 o Android device must support USB Host API: http://developer.android.com/guide/topics/connectivity/usb/host.html Provides Driver Customization for Customer USB VID/PID and special baud rates 1.2 Product Applications Single-chip upgrade solution for Legacy RS232 devices to USB interface USB to RS232/RS422/RS485 converters/cables/dongles/adapters Healthcare/Medical USB Interface Data Transfer Cable Personal Infotainment/Media Player Docking USB Interface Cellular/PDA USB Interface Data Transfer Cable Serial-over-IP Wireless Solution USB Barcode/Smart Card Readers GPS/Navigation USB Interface Point-of-Sale (POS) Terminals/Printers PC Docking Station/Port Replicators Industrial/Instrumentation/Automation Control USB Interface USB Modem/Wireless/Zigbee USB Interface Set-Top Box (STB) / Home Gateway USB Interface MCU-based devices to USB interface |