công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

YAV102TC14 bảng dữ liệu(PDF) 1 Page - Hubbell Incorporated.

tên linh kiện YAV102TC14
Giải thích chi tiết về linh kiện  Copper Compression Lug, 2 Hole w/ Inspection Window, 14 AWG -10 AWG (str)/ 12 AWG-10 AWG (sol), 1/4" Stud, 5/8" Stud Hole Spacing, Short Barrel, Tin - Electro Plated.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HUBBELL [Hubbell Incorporated.]
Trang chủ  https://www.hubbell.com/
Logo HUBBELL - Hubbell Incorporated.

YAV102TC14 bảng dữ liệu(HTML) 1 Page - Hubbell Incorporated.

  YAV102TC14 Datasheet HTML 1Page - Hubbell Incorporated. YAV102TC14 Datasheet HTML 2Page - Hubbell Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Details
General
Application
For Code Conductor
Connector Type
Terminal
Feature - Barrel Style
Chamfered
Feature - Barrel Type
Standard
Material
Copper
Physical Attribute - Number of Holes
2
Physical Attribute - Tongue Type
Standard
Plated
Y
Plating Type
Tin - Electro Plated
Sub Brand
HYLUG
Temperature Rating
194
Trade Name
HYLUG™
Type
Standard Barrel, Tin Plated
UPC
781810021842
UPC 12 Digit
7818100218422
Dimensions
Dimension - B Length fraction
3/8 in
Dimension - B Length inch
0.38 in
Dimension - Bolt Hole Size inch
0.27 in
Dimension - D inch
1.14 in
Dimension - Hole Size inch
0.27 in
Dimension - Hole Size mm
7 mm
Dimension - L Length Overall mm
47 mm
Dimension - Length Overall inch
1.84 in
Dimension - N inch
0.31 in
Dimension - Outside Diameter inch
0.21 in
Dimension - Pad Width inch
0.41 in
Dimension - Strip Length inch
7/16
Dimension - Stud Size inch
1/4
Dimension - Z inch
0.33 in
Physical Attribute - Tongue Angle
Straight
Electrical Ratings
Rating - KVA
35 kV
Rating - Minimum Voltage
600
Voltage - Maximum
35000
Conductor Related
Conductor - Copper DLO Size Range
N/A
Conductor - Copper Solid Size
12 AWG;11 AWG;10 AWG
Conductor - Copper Solid Size Range
12 AWG-10 AWG
Conductor - Copper Str Navy Size
3 (7) Navy;4 (1) Navy;4 (7) Navy;4 (19) Navy;4 (41) Navy;6 (7) Navy;6 (19)
Navy;9 (7) Navy;9 (37) Navy
Conductor - Copper Str Navy Size Range
3 (7) Navy-9 (37) Navy
Conductor - Copper Str Size
14 AWG;12 AWG;10 AWG
Conductor - Copper Str Size Range
14 AWG-10 AWG
Conductor - Material
Copper
Certifications and Compliance
Certification - CSA Approved
Yes
Certification - ETL
No
Certification - UL Recognized
No
Certification - cULus
No
Standards - RoHS Compliance Status
CM
UL Listed
Yes
Logistics
Minimum Pack Quantity
1
For further technical assistance, please contact us
BURNDY Headquarters
47 East Industrial Park Drive
Manchester, New Hampshire 03109
Customer Service Hours:
8 AM - 8 PM Eastern Monday-Friday
Emergency Service 24-hours/365 Days
Phone: 1-800-346-4175
1-603-647-5299 (International)
YAV102TC14
by Burndy
Catalog ID: YAV102TC14
Copper Compression Lug, 2 Hole w/ Inspection Window, 14 AWG -10
AWG (str)/ 12 AWG-10 AWG (sol), 1/4" Stud, 5/8" Stud Hole Spacing,
Short Barrel, Tin - Electro Plated.
Features: UL Listed 90 DEG C, 600 V - 35 KV, 45 DEG And 90 DEG
Angles Are Available, Tongue Angle: Straight, Temperature Rating: 90
DEG C, Finish: Electro-Tin Plated, Dieless Tools (number Of Crimps):
Y8MRB-1 Tool, (1), Conductor Type: Commercial Stranded Copper, Die
Index: 2 SCRIBE, Wire Strip Length: 7/16 IN


Số phần tương tự - YAV102TC14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hubbell Incorporated.
YAV102TC10 HUBBELL-YAV102TC10 Datasheet
271Kb / 2P
Copper Compression Lug, 2 Hole w/ Inspection Window, 14 AWG -10 AWG (str)/ 12 AWG-10 AWG (sol), #10 Stud, 5/8" Stud Hole Spacing, Short Barrel, Tin - Electro Plated.
More results

Mô tả tương tự - YAV102TC14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Hubbell Incorporated.
BURNDY_YA28A3 HUBBELL-BURNDY_YA28A3 Datasheet
267Kb / 3P
Aluminum Compression Lug, 1 Hole w/o Inspection Window, 4/0 AWG, 1/2" Stud, Tin Plated.
BURNDY_YA26A6 HUBBELL-BURNDY_YA26A6 Datasheet
262Kb / 3P
Aluminum Compression Lug, 1 Hole w/o Inspection Window, 2/0 AWG, 3/8" Stud, Short Barrel, Tin Plated.
BURNDY_YA26A1 HUBBELL-BURNDY_YA26A1 Datasheet
266Kb / 3P
Aluminum Compression Lug, 1 Hole w/o Inspection Window, 2/0 AWG, 1/2" Stud, Short Barrel, Tin Plated.
BURNDY_YA25A9 HUBBELL-BURNDY_YA25A9 Datasheet
262Kb / 3P
Aluminum Compression Lug, 1 Hole w/o Inspection Window, 1/0 AWG, 1/2" Stud, Short Barrel, Tin Plated.
BURNDY_YA25A7 HUBBELL-BURNDY_YA25A7 Datasheet
264Kb / 2P
Aluminum Compression Lug, 2 Hole w/o Inspection Window, 1/0 AWG, 1/2" Stud, 1-3/4" Stud Hole Spacing, Long Barrel, Tin Plated.
BURNDY_YA25A3 HUBBELL-BURNDY_YA25A3 Datasheet
262Kb / 3P
Aluminum Compression Lug, 1 Hole w/o Inspection Window, 1/0 AWG, 3/8" Stud, Short Barrel, Tin Plated.
BURNDY_YA2CA9DT HUBBELL-BURNDY_YA2CA9DT Datasheet
261Kb / 2P
Aluminum Compression Lug, 2 Hole w/o Inspection Window, 2 AWG, 1/2" Stud, 1-3/4" Stud Hole Spacing, Short Barrel, Dipped Tin Plated.
BURNDY_YA2CA9 HUBBELL-BURNDY_YA2CA9 Datasheet
262Kb / 2P
Aluminum Compression Lug, 2 Hole w/o Inspection Window, 2 AWG, 1/2" Stud, 1-3/4" Stud Hole Spacing, Short Barrel, Tin Plated.
BURNDY_YA2CA3 HUBBELL-BURNDY_YA2CA3 Datasheet
266Kb / 3P
Aluminum Compression Lug, 1 Hole w/o Inspection Window, 2 AWG, 3/8" Stud, Tin Plated.
YAV102TC10 HUBBELL-YAV102TC10 Datasheet
271Kb / 2P
Copper Compression Lug, 2 Hole w/ Inspection Window, 14 AWG -10 AWG (str)/ 12 AWG-10 AWG (sol), #10 Stud, 5/8" Stud Hole Spacing, Short Barrel, Tin - Electro Plated.
More results


Html Pages

1 2