| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
3G3MX2AB002 bảng dữ liệu(PDF) 8 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
3G3MX2AB002 bảng dữ liệu(HTML) 8 Page - Omron Electronics LLC |
|
8 / 20 page ![]() 8 AC Drives System Configuration 3G3MX2 Born to drive machines • Currentvectorcontrol •Highstartingtorque:200%at0.5Hz •DoubleratingVT120%for1minandCT150%for1min •Speedrangeupto1000Hz •Inductionmotor&permanentmagnetmotorcontrol •Torquecontrolinopenloopvector •Positioningfunctionality •Built-inapplicationfunctionality(i.e.,Brakecontrol) •Userprogrammableasstandard •SafetyembeddedcompliantwithISO13849-1(doubleinput circuitandexternaldevicemonitorEDM) •USBportforPCprogramming •24VDCbackupsupplyforcontrolboard •Fieldbuscommunications:Modbus,EtherNet/IP,DeviceNet, Profibus,Componet,EtherCAT,andML-II •PCconfigurationtool:CX-Drive •RoHS,CE,cULus Ratings • 200VClasssingle-phase0.1to2.2kW(1/8to3HP) •200VClassthree-phase0.1to15.0kW(1/8to20HP) •400VClassthree-phase0.4to15.0kW(1/2to20HP) Remote Operator with 5-line LCD display Remote Operator Extension Cable Output AC Reactor Communication option USB Cable Braking Resistor Software: CX-Drive in CX-One MCCB 3G3MX2 Filter Input AC Reactor Motor Ground Power Supply DC Reactor Choke Remote Operator with 5-line LCD display Remote Operator Extension Cable Output AC Reactor Communication option USB Cable Braking Resistor Software: CX-Drive in CX-One MCCB 3G3MX2 Filter Input AC Reactor Motor Ground Power Supply DC Reactor Choke |