công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R87F bảng dữ liệu(PDF) 5 Page - Omron Electronics LLC

tên linh kiện R87F
Giải thích chi tiết về linh kiện  Optimum Cooling with a Comprehensive
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

R87F bảng dữ liệu(HTML) 5 Page - Omron Electronics LLC

  R87F Datasheet HTML 1Page - Omron Electronics LLC R87F Datasheet HTML 2Page - Omron Electronics LLC R87F Datasheet HTML 3Page - Omron Electronics LLC R87F Datasheet HTML 4Page - Omron Electronics LLC R87F Datasheet HTML 5Page - Omron Electronics LLC R87F Datasheet HTML 6Page - Omron Electronics LLC R87F Datasheet HTML 7Page - Omron Electronics LLC R87F Datasheet HTML 8Page - Omron Electronics LLC R87F Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
5
R87F/R87T
Flow Rate and Static Pressure Characteristics (Reference Values)
Note: For details on measurement conditions, refer to Flow Rate and Static Pressure on Safety Precautions for All Axial Fans.
Dimensions
(Unit: mm)
Panel Cutouts
Options
R87F-A
@A85HP
R87F-A
@A85LP
Name
Model
Datasheet available
Plug Cord
R87F-PC
Refer to page 24.
Finger Guard
R87F-FG80
Refer to page 25.
Filter
R87F-FL80
Refer to page 26.
10
20
30
40
50
60
0
0
0.2
0.4
0.6
0.8
1.0
Flow rate: Q (m3 /min)
60 Hz
50 Hz
0.25
0.5
0.75
1
88.3
78.5
68.6
58.8
49.0
39.2
29.4
19.6
9.8
0
60 Hz
50 Hz
Flow rate: Q (m3 /min)
Direction of rotation
Eight, 4.3 dia.
71.5±0.3
80±0.5
3±0.3
3±0.3
71.5±0.3
80±0.5
38±0.5
Direction of flow
5.8
M4 screw: 0.7 pitch
8
2.8
Screw hole for grounding
Terminal shape
Faston #110 terminal
(or equivalent)
Four, 4.5 dia.
Four, 4.5 dia.
71.5±0.3
77
71.5±0.3
71.5±0.3
77
71.5±0.3
90 dia.
77 dia.
Outlet
Inlet
In the interest of product improvement, specifications are subject to change without notice.
ALL DIMENSIONS SHOWN ARE IN MILLIMETERS.
To convert millimeters into inches, multiply by 0.03937. To convert grams into ounces, multiply by 0.03527.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com