công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

24SWRPQE bảng dữ liệu(PDF) 8 Page - Maxwell Technologies

tên linh kiện 24SWRPQE
Giải thích chi tiết về linh kiện  24 Channel MOSFET Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MAXWELL [Maxwell Technologies]
Trang chủ  http://www.maxwell.com
Logo MAXWELL - Maxwell Technologies

24SWRPQE bảng dữ liệu(HTML) 8 Page - Maxwell Technologies

Back Button 24SWRPQE Datasheet HTML 3Page - Maxwell Technologies 24SWRPQE Datasheet HTML 4Page - Maxwell Technologies 24SWRPQE Datasheet HTML 5Page - Maxwell Technologies 24SWRPQE Datasheet HTML 6Page - Maxwell Technologies 24SWRPQE Datasheet HTML 7Page - Maxwell Technologies 24SWRPQE Datasheet HTML 8Page - Maxwell Technologies 24SWRPQE Datasheet HTML 9Page - Maxwell Technologies 24SWRPQE Datasheet HTML 10Page - Maxwell Technologies 24SWRPQE Datasheet HTML 11Page - Maxwell Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
All data sheets are subject to change without notice
©2005 Maxwell Technologies.
All rights reserved.
24 Channel MOSFET Driver
24SW
01.10.05 Rev 2
TABLE 4. 24SW ELECTRICAL CHARACTERISTICS
(V
15V = 15V, V-15V = -15V, TA = -40 TO 110° C, UNLESS OTHERWISE SPECIFIED)
PARAMETER
SYMBOL CONDITIONS
SUBGROUPS
MIN
NOM
MAX
UNIT
Control Input High Voltage
V
IH
Results in turning FET switch
-ON (closed)
1, 2, 3
2.4
--
--
V
Control Input Low Voltage
V
IL
Results in turning FET switch
-OFF (Open)
1, 2, 3
--
--
0.8
V
I
15V
All 24 switches OFF
1, 2, 3
--
--
3.0
mA
I
-15V
All 24 switches OFF
1, 2, 3
--
--
3.0
mA
I
15V
For each switch that is ON1
1. Total current = current per SW x # of SW + bias current.
1, 2, 3
135
200
240
µ A per
switch
I
-15V
For each switch that is ON1
1, 2, 3
310
475
590
µ A per
switch
Switching Voltage (Ground side
switching is acceptable)2
2. Power Gnd, DGND and AGND all must be within 0.7V of each other.
V
SW
Referenced to Power Ground
1, 2, 3
-1.0
28
37
V
Switching Current
I
SW-
POWER
Load Switching Range
1, 2, 3
0.002
--
2.0
A
Equivalent ON resistance per switch
R
ON
Switch input voltage = 28V,
Current = 2 amps
1, 2, 3
--
200
325
m
Ω
Switching Leakage Current for OFF
state
I
SWOFF
Switch input voltage = 37V,
Tj temperature = 125°C
1, 2, 3
--
--
0.25
mA
Turn ON Time (Rise time)
t
ON
Switch input voltage = 28V,
Load current = 1 amp
1, 2, 3
100
--
500
uS
Turn OFF Time (Fall time)
t
OFF
Switch input voltage = 28V,
load current = 0.1 amps
1, 2, 3
50
--
350
uS



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com