| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LND150 bảng dữ liệu(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LND150 bảng dữ liệu(HTML) 1 Page - Microchip Technology |
|
1 / 16 page ![]() 2018 Microchip Technology Inc. DS20005454A-page 1 LND150/LND250 Features • Free from Secondary Breakdown • Low-Power Drive Requirement • Ease of Paralleling • Excellent Thermal Stability • Integral Source-Drain Diode • High Input Impedance and Low CISS • ESD Gate Protection Applications • Solid-State Relays • Normally-On Switches •Converters • Power Supply Circuits • Constant-Current Sources • Input Protection Circuits General Description The LND150 and LND250 are high-voltage N-channel Depletion-mode (normally-on) transistors utilizing lateral DMOS technology. The gate is ESD protected. The LND150/LND250 are ideal for high-voltage appli- cations, such as normally-on switches, precision constant-current sources, voltage-ramp generation and amplification. Package Types See Table 3-1, Table 3-2 and Table 3-3 for pin information. 3-lead SOT-23 (Top view) 3-lead TO-92 (Top view) 3-lead SOT-89 (Top view) GATE SOURCE DRAIN GATE SOURCE DRAIN SOURCE DRAIN SOURCE GATE N-Channel Depletion-Mode DMOS FETs |
Số phần tương tự - LND150 |
|
Mô tả tương tự - LND150 |