| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PD035VX3 bảng dữ liệu(PDF) 19 Page - AZ Displays |
|
|
|||||||||||||||||||||||||||||
PD035VX3 bảng dữ liệu(HTML) 19 Page - AZ Displays |
|
19 / 27 page ![]() PD035VX3 The information contained herein is the exclusive property of Prime View International Co., Ltd. and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Prime View International Co., Ltd. Page:19 DC/AC Inverter Photometer (TOPCON BM-5A or BM-7 fast) Field =1 ° TFT-LCD module Optical characteristics measuring configuration Note 14-1: 1.Topcon BM-5A or BM-7 fast luminance meter 1° field of view is used in the testing (after 1 minute operation). Note 14-2: The definitions of viewing angles are as follow |