công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IMX8DXIEC bảng dữ liệu(PDF) 28 Page - NXP Semiconductors

tên linh kiện IMX8DXIEC
Giải thích chi tiết về linh kiện  i.MX 8DualX Industrial Applications Processors
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX8DXIEC bảng dữ liệu(HTML) 28 Page - NXP Semiconductors

Back Button IMX8DXIEC Datasheet HTML 24Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 25Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 26Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 27Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 28Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 29Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 30Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 31Page - NXP Semiconductors IMX8DXIEC Datasheet HTML 32Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 127 page
background image
Electrical characteristics
i.MX 8DualX Industrial Applications Processors, Rev. 0, 05/2020
NXP Semiconductors
28
4.3
PLL electrical characteristics
4.3.1
PLLs of subsystems
i.MX 8DualX embeds a large number of PLLs to address clocking requirements of the various subsystems.
These PLLs are controlled through the SCU and not directly by Cortex-A or Cortex-M4F processors. A
software API shall be used by those processors to access the PLL settings. Additional PLLs are specific to
high-performance interfaces. These are described in the following sections.
This table summarizes the PLLs controlled by the SCU.
Table 14. PLLs controlled by SCU
Subsystem
PLL usage
Source clock
Locking range1
Lock freq.
Unit
Min freq.
Max freq.
Cortex-A35
Subsystem
24
650
1300
• Overdrive: 1200
• Nominal: 9002
GPU
PLL #0: subsystem
24
648
1344
• Nominal: 7443
MHz
PLL #1: shaders
24
648
1344
• Nominal: 7443
MHz
DRC (DRAM
Controller)
Subsystem
24
1250
2500
• LPDDR4: 2400
• DDR3L: 18664
MHz
DB (DRAM Block)
Subsystem
24
650
1300
1200
MHz
Display Controller 0 PLL #0: subsystem
24
650
1300
800
MHz
PLL #1: display clock #0
24
650
1300
User-configurable
MHz
PLL #2: display clock #1
24
650
1300
User-configurable
MHz
Imaging
Subsystem
24
650
1300
1200
MHz
ADMA5
PLL #0: subsystem
24
650
1300
1280
MHz
PLL #1: audio PLL #0
24
650
1300
User-configurable
MHz
PLL #2: audio PLL #1
24
650
1300
User-configurable
MHz
PLL #3: Parallel LCD display
24
650
1300
Pixel freq.
×N
MHz
Connectivity
PLL #0: Subsystem
24
650
1300
792
MHz
PLL #1: PHY
24
650
1300
1000
MHz
HSIO (High-speed
I/O)
Subsystem
24
650
1300
800
MHz
LSIO (Low-speed
I/O)
Subsystem
24
650
1300
800
MHz
Cortex-M4
Subsystem
24
650
1300
792
MHz
VPU
PLL #0: subsystem
24
650
1300
1200
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com