công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TS29102CS05 bảng dữ liệu(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

tên linh kiện TS29102CS05
Giải thích chi tiết về linh kiện  1.0A Ultra Low Dropout Positive Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TSC [Taiwan Semiconductor Company, Ltd]
Trang chủ  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS29102CS05 bảng dữ liệu(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS29102CS05 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS29102CS05 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS29102CS05 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS29102CS05 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS29102CS05 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS29102CS05 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS29102CS05 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS29102CS05 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
TS29100/1/2
5-5
2003/12 rev. A
Pin Assignment
Pin No.
TS29100
TS29101
TS29102
Pin
Configuration
Pin
Description
1
1
Enable
Enable (input): TTL/COMS compatible input. Logic high
is enable; logic low or open is shutdown
1
2
2
Input
Unregulated input: +26V maximum supply
2
5,6,7,8
5,6,7,8
Ground
Ground: Ground pin and TAB/heatsink are internally
connected.
3
3
3
Output
Regulator output
4
Flag
Error Flag (output): Open-collector output. Active low
indicates an output fault condition.
4
Adjust
Adjustment input: Feedback input. Connect to resistive
voltage-divider network.
Typical Application Circuit
TS29100
TS29101
TS29102



Html Pages

1 2 3 4 5 6 7 8