công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE9461ESV33 bảng dữ liệu(PDF) 98 Page - Infineon Technologies AG

tên linh kiện TLE9461ESV33
Giải thích chi tiết về linh kiện  Lite CAN SBC Family
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9461ESV33 bảng dữ liệu(HTML) 98 Page - Infineon Technologies AG

Back Button TLE9461ESV33 Datasheet HTML 94Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 95Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 96Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 97Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 98Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 99Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 100Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 101Page - Infineon Technologies AG TLE9461ESV33 Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 140 page
background image
TLE9461ES V33
Lite CAN SBC Family
Serial Peripheral Interface
Datasheet
98
Rev.1.1
2019-09-27
13.2
Failure Signalization in the SPI Data Output
If the microcontroller sends a wrong SPI command to the SBC, the SBC ignores the information. Wrong SPI
commands are either invalid SBC mode commands or commands which are prohibited by the state machine
to avoid undesired device or system states (see below). In this case the diagnosis bit ‘SPI_FAIL’ is set and the
SPI Write command is ignored (mostly no partial interpretation). This bit can be only reset by actively clearing
it via a SPI command.
Invalid SPI commands leading to SPI_FAIL are listed below (in this case the SPI command is ignored):
• Illegal state transitions:
- Going from SBC Stop to SBC Sleep Mode. In this case the SBC enters SBC Restart Mode;
- Trying to go to SBC Stop or SBC Sleep Mode from SBC Init Mode. In this case SBC Normal Mode is entered
• Uneven parity in the data bit of the WD_CTRL register. In this case the watchdog trigger is ignored and/or
the new watchdog settings are ignored respectively
• In SBC Stop Mode: attempting to change any SPI settings, e.g. changing the watchdog configuration, PWM
settings and HS configuration settings during SBC Stop Mode, etc.;
the SPI command is ignored in this case;
only WD trigger, returning to Normal Mode, triggering a SBC Soft Reset, and Read & Clear status registers
commands are valid SPI commands in SBC Stop Mode;
Note: No failure handling is done for the attempt to go to SBC STOP Mode when all bits in the registers
BUS_CTRL_0 and WK_CTRL_1 are cleared because the microcontroller can leave this mode via SPI
• When entering SBC Stop Mode and WK_STAT_0 and WK_STAT_1 are not cleared; SPI_FAIL is not set but
the INTN pin is triggered
• Changing from SBC Stop to Normal Mode and changing the other bits of the M_S_CTRL register. The other
modifications are ignored
• SBC Sleep Mode: attempt to go to Sleep Mode without any wake source set, i.e. when all bits in the
BUS_CTRL_0, WK_CTRL_0, WK_CTRL_1 and GPIO_CTRL registers are cleared. In this case the SPI_FAIL
bit is set and the device enters SBC Restart Mode.
Even though the Sleep Mode command is not entered in this case, the rest of the command (e.g. modifying
VCC2) is executed but restart values apply during SBC Restart Mode;
Note: At least one wake source must be activated in order to avoid a deadlock situation in SBC Sleep Mode,
i.e. the SBC would not be able to wake-up anymore.
If the only wake source is a timer and the timer is Off then the SBC will wake-up immediately from Sleep
Mode and enter Restart Mode;
• Trying to set WK_MEAS when FO/GPIO is not Off, i.e. FO is activated/configured or any GPIO configuration
is selected
• Trying to change the GPIO_CTRL settings in case WK_MEAS is set
• Setting a longer or equal On-time than the timer period of the respective timer
• SDI stuck at High or Low, e.g. SDI received all ‘0’ or all ‘1’
Note:
There is no SPI fail information for unused addresses.
Signalization of the ERR Flag (high active) in the SPI Data Output (see Figure 39):
The ERR flag presents an additional diagnosis possibility for the SPI communication. The ERR flag is being set
for following conditions:
• in case the number of received SPI clocks is not 0 or 16
• in case RSTN is Low and SPI frames are being sent at the same time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com