công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS570LS3135 bảng dữ liệu(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS570LS3135
Giải thích chi tiết về linh kiện  TMS570LS31x5/21x5 16- and 32-Bit RISC Flash Microcontroller
PDF  172 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TMS570LS3135 bảng dữ liệu(HTML) 79 Page - Texas Instruments

Back Button TMS570LS3135 Datasheet HTML 75Page - Texas Instruments TMS570LS3135 Datasheet HTML 76Page - Texas Instruments TMS570LS3135 Datasheet HTML 77Page - Texas Instruments TMS570LS3135 Datasheet HTML 78Page - Texas Instruments TMS570LS3135 Datasheet HTML 79Page - Texas Instruments TMS570LS3135 Datasheet HTML 80Page - Texas Instruments TMS570LS3135 Datasheet HTML 81Page - Texas Instruments TMS570LS3135 Datasheet HTML 82Page - Texas Instruments TMS570LS3135 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 172 page
background image
TMS570LS3135, TMS570LS2135, TMS570LS2125
www.ti.com
SPNS164C – APRIL 2012 – REVISED APRIL 2015
6.10.6 Flash Program and Erase Timings for Data Flash
Table 6-24. Timing Specifications for Data Flash
PARAMETER
MIN
NOM
MAX
UNIT
Wide Word (144bit) programming
tprog (144bit)
40
300
µs
time
-40°C to 125°C
660
ms
tprog (Total)
64-KB programming time(1)
0°C to 60°C, for first
165
330
ms
25 cycles
-40°C to 125°C
0.2
8
s
terase
Sector/Bank erase time(2)
0°C to 60°C, for first
14
100
ms
25 cycles
Write/erase cycles with 15-year
twec
-40°C to 125°C
100000
cycles
Data Retention requirement
(1)
This programming time includes overhead of state machine, but does not include data transfer time. The programming time assumes
programming 144 bits at a time at the maximum specified operating frequency.
(2)
During bank erase, the selected sectors are erased simultaneously. The time to erase the bank is specified as equal to the time to erase
a sector.
Copyright © 2012–2015, Texas Instruments Incorporated
System Information and Electrical Specifications
79
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com