| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IR4427SPBF.. bảng dữ liệu(PDF) 12 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
IR4427SPBF.. bảng dữ liệu(HTML) 12 Page - Infineon Technologies AG |
|
12 / 12 page ![]() 12 IR4426/IR4427/IR4428(S)&(PbF) ADVANCE INFORMATION www.irf.com IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245 Tel: (310) 252-7105 This product has been qualified per industrial level Data and specifications subject to change without notice. 3/3/2008 LEADFREE PART MARKING INFORMATION Lead Free Released Non-Lead Free Released Part number Date code IRxxxxxx YWW? ?XXXX Pin 1 Identifier IR logo Lot Code (Prod mode - 4 digit SPN code) Assembly site code Per SCOP 200-002 P ? MARKING CODE Basic Part (Non-Lead Free) 8-Lead PDIP IR4426 order IR4426 8-Lead SOIC IR4426S order IR4426S 8-Lead PDIP IR4427 order IR4427 8-Lead SOIC IR4427S order IR4427S 8-Lead PDIP IR4428 order IR4428 8-Lead SOIC IR4428S order IR4428S Leadfree Part 8-Lead PDIP IR4426 order IR4426PbF 8-Lead SOIC IR4426S order IR4426SPbF 8-Lead PDIP IR4427 order IR4427PbF 8-Lead SOIC IR4427S order IR4427SPbF 8-Lead PDIP IR4428 order IR4428PbF 8-Lead SOIC IR4428S order IR4428SPbF ORDER INFORMATION |