công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P89LPC938FDH bảng dữ liệu(PDF) 9 Page - NXP Semiconductors

tên linh kiện P89LPC938FDH
Giải thích chi tiết về linh kiện  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable Flash with 10-bit A/D converter
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC938FDH bảng dữ liệu(HTML) 9 Page - NXP Semiconductors

Back Button P89LPC938FDH Datasheet HTML 5Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 6Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 7Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 8Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 9Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 10Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 11Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 12Page - NXP Semiconductors P89LPC938FDH Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
9397 750 14051
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 25 February 2005
9 of 68
Philips Semiconductors
P89LPC938
8-bit microcontroller with 10-bit A/D converter
P1.3/INT0/SDA
11
7
I/O
P1.3 — Port 1 bit 3 (open-drain when used as output).
I
INT0 — External interrupt 0 input.
I/O
SDA — I2C serial data input/output.
P1.4/INT1
10
6
I
P1.4 — Port 1 bit 4.
I
INT1 — External interrupt 1 input.
P1.5/RST
6
2
I
P1.5 — Port 1 bit 5 (input only).
I
RST — External Reset input during power-on or if selected via UCFG1.
When functioning as a reset input, a LOW on this pin resets the
microcontroller, causing I/O ports and peripherals to take on their default
states, and the processor begins execution at address 0. Also used
during a power-on sequence to force In-System Programming mode.
When using an oscillator frequency above 12 MHz, the reset input
function of P1.5 must be enabled. An external circuit is required to
hold the device in reset at power-up until VDD has reached its
specified level. When system power is removed VDD will fall below
the minimum specified operating voltage. When using an oscillator
frequency above 12 MHz, in some applications, an external
brownout detect circuit may be required to hold the device in reset
when VDD falls below the minimum specified operating range.
P1.6/OCB
5
1
I/O
P1.6 — Port 1 bit 6.
O
OCB — Output Compare B.
P1.7/OCC/
AD04
4
28
I/O
P1.7 — Port 1 bit 7.
O
OCC — Output Compare C.
I
AD04 — ADC0 channel 4 analog input.
P2.0 to P2.7
I/O
Port 2: Port 2 is an 8-bit I/O port with a user-configurable output type.
During reset Port 2 latches are configured in the input only mode with the
internal pull-up disabled. The operation of Port 2 pins as inputs and
outputs depends upon the port configuration selected. Each port pin is
configured independently. Refer to Section 7.13.1 “Port configurations”
and Table 10 “DC electrical characteristics” for details.
All pins have Schmitt triggered inputs.
Port 2 also provides various special functions as described below:
P2.0/ICB/AD07
1
25
I/O
P2.0 — Port 2 bit 0.
I
ICB — Input Capture B.
I
AD07 — ADC0 channel 7 analog input.
P2.1/OCD/
AD06
2
26
I/O
P2.1 — Port 2 bit 1.
O
OCD — Output Compare D.
I
AD06 — ADC0 channel 6 analog input.
P2.2/MOSI
13
9
I/O
P2.2 — Port 2 bit 2.
I/O
MOSI — SPI master out slave in. When configured as master, this pin is
output; when configured as slave, this pin is input.
P2.3/MISO
14
10
I/O
P2.3 — Port 2 bit 3.
I/O
MISO — When configured as master, this pin is input, when configured
as slave, this pin is output.
Table 3:
Pin description …continued
Symbol
Pin
Type Description
TSSOP28,
PLCC28
HVQFN28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com