| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCPL-5151 bảng dữ liệu(PDF) 3 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
HCPL-5151 bảng dữ liệu(HTML) 3 Page - Agilent(Hewlett-Packard) |
|
3 / 16 page ![]() 3 Hermetic Optocoupler Options Option Description 100 Surface mountable hermetic optocoupler with leads trimmed for butt joint assembly. This option is available on commercial and hi-rel product (see drawings below for details). 200 Lead finish is solder dipped rather than gold plated. This option is available on commercial and hi-rel product. DSCC Drawing part numbers contain provisions for lead finish. 300 Surface mountable hermetic optocoupler with leads cut and bent for gull wing assembly. This option is avail- able on commercial and hi-rel product (see drawings below for details). This option has solder dipped leads. 1.14 (0.045) 1.40 (0.055) 4.32 (0.170) MAX. 0.51 (0.020) MAX. 2.29 (0.090) 2.79 (0.110) 0.51 (0.020) MIN. 7.36 (0.290) 7.87 (0.310) 0.20 (0.008) 0.33 (0.013) NOTE: DIMENSIONS IN MILLIMETERS (INCHES). 0.51 (0.020) MIN. 4.57 (0.180) MAX. 0.51 (0.020) MAX. 2.29 (0.090) 2.79 (0.110) 1.40 (0.055) 1.65 (0.065) 9.65 (0.380) 9.91 (0.390) 5 o MAX. 4.57 (0.180) MAX. 0.20 (0.008) 0.33 (0.013) NOTE: DIMENSIONS IN MILLIMETERS (INCHES). |