công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

JS28F640J3A-150 bảng dữ liệu(PDF) 61 Page - Intel Corporation

tên linh kiện JS28F640J3A-150
Giải thích chi tiết về linh kiện  Intel StrataFlash Memory (J3)
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INTEL [Intel Corporation]
Trang chủ  http://www.intel.com
Logo INTEL - Intel Corporation

JS28F640J3A-150 bảng dữ liệu(HTML) 61 Page - Intel Corporation

Back Button JS28F640J3A-150 Datasheet HTML 57Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 58Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 59Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 60Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 61Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 62Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 63Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 64Page - Intel Corporation JS28F640J3A-150 Datasheet HTML 65Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
256-Mbit J3 (x8/x16)
Datasheet
61
Figure 20. Byte/Word Program Flowchart
Start
Write 40H,
Address
Write Data and
Address
Read Status
Register
SR.7 =
Full Status
Check if Desired
Byte/Word
Program Complete
Read Status
Register Data
(See Above)
Voltage Range Error
Device Protect Error
Programming Error
Byte/Word
Program
Successful
SR.3 =
SR.1 =
SR.4 =
FULL STATUS CHECK PROCEDURE
Bus
Operation
Write
Write
Standby
1. Toggling OE# (low to high to low) updates the status register. This
can be done in place of issuing the Read Status Register command.
Repeat for subsequent programming operations.
SR full status check can be done after each program operation, or
after a sequence of programming operations.
Write FFH after the last program operation to place device in read
array mode.
Bus
Operation
Standby
Standby
Toggling OE# (low to high to low) updates the status register. This can
be done in place of issuing the Read Status Register command.
Repeat for subsequent programming operations.
SR.4, SR.3 and SR.1 are only cleared by the Clear Status Register
command in cases where multiple locations are programmed before
full status is checked.
If an error is detected, clear the status register before attempting retry
or other error recovery.
0
1
1
0
1
0
1
0
Command
Setup Byte/
Word Program
Byte/Word
Program
Comments
Data = 40H
Addr = Location to Be Programmed
Data = Data to Be Programmed
Addr = Location to Be Programmed
Check SR.7
1 = WSM Ready
0 = WSM Busy
Command
Comments
Check SR.3
1 = Programming to Voltage Error
Detect
Check SR.4
1 = Programming Error
Read
(Note 1)
Status Register Data
Standby
Check SR.1
1 = Device Protect Detect
RP# = V
IH, Block Lock-Bit Is Set
Only required for systems
implemeting lock-bit configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com