| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IRS211 bảng dữ liệu(PDF) 3 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
IRS211 bảng dữ liệu(HTML) 3 Page - Infineon Technologies AG |
|
3 / 26 page ![]() IRS211(7,71,8)(S) www.irf.com © 2008 International Rectifier 3 Description The IRS2117, IRS21171, and IRS2118 are high voltage, high speed power MOSFET and IGBT driver. Proprietary HVIC and latch immune CMOS technologies enable ruggedized monolithic construction. The logic input is compatible with standard CMOS outputs. The output driver features a high pulse current buffer stage designed for minimum cross-conduction. The floating channel can be used to drive an N-channel power MOSFET or IGBT in the high-side or low-side configuration which operates up to 600 V. The IRS21171SPBF is not recommended for new designs. For new designs, we recommend IRS2117SPbF or IRS25752LPbF |