| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JS28F640J3A-125 bảng dữ liệu(PDF) 13 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
JS28F640J3A-125 bảng dữ liệu(HTML) 13 Page - Intel Corporation |
|
13 / 72 page ![]() 256-Mbit J3 (x8/x16) Datasheet 13 3.3 VF-BGA (J3) Package NOTES: 1. For Daisy Chain Evaluation Unit information refer to the Intel Flash Memory Packaging Technology Web page at; www.intel.com/design/packtech/index.htm 2. For Packaging Shipping Media information refer to the Intel Flash Memory Packaging Technology Web page at; www.intel.com/design/packtech/index.htm Figure 5. Intel StrataFlash® Memory (J3) VF BGA Mechanical Specifications E Se a t in g Pla n e T o p V ie w - B u m p S ide D o w n Bo tt o m Vie w - Ba ll Sid e U p Y A A1 D A2 Ball A 1 Co r n e r S1 S2 e b Ba ll A1 Co r n e r A B C D E F 8 7 6 5 4 3 2 1 87 6 543 2 1 A B C D E F N o te : D r a w in g no t t o s c ale S ide V iew M illi m eters I n c h e s S y m b ol M in N om M a x N o t e s Mi n N o m Ma x Pa c k a g e H e ig h t A 1 . 000 0. 0394 Ba ll H e ig h t A 1 0. 150 0. 0059 Pa ck ag e B o d y T h i c k n es s A 2 0.665 0.02 62 B a l l (L e a d ) W i d t h b 0. 325 0.375 0. 425 0. 0128 0.01 48 0. 0167 D 7 . 186 7.286 7. 386 1 0 . 2829 0.28 68 0. 2908 Pa c k a g e B o d y L e n g t h E 1 0 .7 5 0 1 0. 850 10 .950 1 0 . 4232 0.42 72 0. 4311 Pit c h [ e ] 0 .7 5 0 0 .0 2 9 5 Ba ll (L e a d ) C o u n t N 4 8 4 8 Se a t i n g P la n e C o p la n a r ity Y 0. 100 0. 0039 Co r n e r to B a ll A 1 D i s t a n c e A lo n g D S 1 0. 918 1.018 1. 118 1 0 . 0361 0.04 01 0. 0440 Co r n e r to B a ll A 1 D i s t a n c e A lo n g E S 2 3. 450 3.550 3. 650 1 0 . 1358 0.13 98 0. 1437 N o t e : ( 1 ) P ack ag e d i m e n s i o n s are f o r r e f e re n ce o n l y . T h es e d im e n s io n s are es t i m a t e s b a s e d o n d ie s i ze, an d ar e s u b j ec t t o ch a n g e. D im e ns i o n s T a bl e |