công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FPD750P100 bảng dữ liệu(PDF) 2 Page - Filtronic Compound Semiconductors

tên linh kiện FPD750P100
Giải thích chi tiết về linh kiện  0.5W PACKAGED POWER PHEMT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FILTRONIC [Filtronic Compound Semiconductors]
Trang chủ  http://www.filtronic.co.uk/
Logo FILTRONIC - Filtronic Compound Semiconductors

FPD750P100 bảng dữ liệu(HTML) 2 Page - Filtronic Compound Semiconductors

  FPD750P100 Datasheet HTML 1Page - Filtronic Compound Semiconductors FPD750P100 Datasheet HTML 2Page - Filtronic Compound Semiconductors FPD750P100 Datasheet HTML 3Page - Filtronic Compound Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FPD750P100
0.5W PACKAGED POWER PHEMT
Phone: +1 408 850-5790
http://www.filtronic.co.uk/semis
Released: 6/27/05
Fax: +1 408 850-5766
Email: sales@filcsi.com
•
RECOMMENDED BIAS CONDITIONS:
Drain-Source Voltage:
5V to 8V
Drain-Source Current:
33% to 50% IDSS
•
ABSOLUTE MAXIMUM RATINGS1
Parameter
Symbol
Test Conditions
Min
Max
Units
Drain-Source Voltage
VDS
-3V < VGS < +0V
9
V
Gate-Source Voltage
VGS
0V < VDS < +8V
-3
V
Drain-Source Current
IDS
For VDS > 2V
IDSS
mA
Gate Current
IG
Forward or reverse current
7.5
mA
RF Input Power2
PIN
Under any acceptable bias state
175
mW
Channel Operating Temperature
TCH
Under any acceptable bias state
175
ºC
Storage Temperature
TSTG
Non-Operating Storage
-40
150
ºC
Total Power Dissipation
PTOT
See De-Rating Note below
2.3
W
Gain Compression
Comp.
Under any bias conditions
5
dB
Simultaneous Combination of Limits3
2 or more Max. Limits
80
%
1TAmbient = 22°C unless otherwise noted
2Max. RF Input Limit must be further limited if input VSWR > 2.5:1
3Users should avoid exceeding 80% of 2 or more Limits simultaneously
Notes:
•
Operating conditions that exceed the Absolute Maximum Ratings could result in permanent damage to the device.
•
Thermal Resitivity specification assumes a Au/Sn eutectic die attach onto a Au-plated copper heatsink or rib.
•
Power Dissipation defined as: PTOT ≡ (PDC + PIN) – POUT, where
PDC: DC Bias Power
PIN: RF Input Power
POUT: RF Output Power
•
Absolute Maximum Power Dissipation to be de-rated as follows above 22
°C:
PTOT= 2.3W – (0.0147W/°C) x THS
where THS = heatsink or ambient temperature above 22°C
Example: For a 85
°C heatsink temperature: PTOT = 2.3W – (0.0147 x (85 – 22)) = 1.37W
•
HANDLING PRECAUTIONS
To avoid damage to the devices care should be exercised during handling. Proper Electrostatic
Discharge (ESD) precautions should be observed at all stages of storage, handling, assembly, and
testing. These devices should be treated as Class 0 (< 250V) per JESD22-A114-B, Human Body
Model, and Class A (< 200V) per JESD22-A115-A, Machine Model.



Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com