| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
XRT7250IQ100 bảng dữ liệu(PDF) 13 Page - Exar Corporation |
|
|
|||||||||||||||||||||||||||||
XRT7250IQ100 bảng dữ liệu(HTML) 13 Page - Exar Corporation |
|
13 / 463 page ![]() XRT7250 DS3/E3 FRAMER IC áç áç áç áç REV. 1.1.1 XI Figure 35.Behavior of the Microprocessor Interface signals, during the Initial Write Operation of a Burst Cycle (Motorola-type Processor) .............................................................................................................................. 50 Figure 36.Behavior of the Microprocessor Interface Signals, during subsequent Write Operations with the Burst I/O Cycle (Motorola-type µC/µP) ..................................................................................................................... 51 Figure 37.Schematic depicting how to interface the XRT7250 DS3/E3 Framer IC to the 8051 Microcontroller .. 120 Figure 38.Schematic Depicting how to interface the XRT7250 DS3/E3 Framer IC to the MC68000 Microproces- sor ................................................................................................................................................................. 121 Figure 39.Schematic Depicting how to interface the XRT7250 DS3/E3 Framer IC to the XRT7300 DS3/E3/STS- 1 LIU IC ......................................................................................................................................................... 123 Figure 40.DS3 Frame Format for C-bit Parity ............................................................................................... 127 Figure 41.DS3 Frame Format for M13 .......................................................................................................... 128 Figure 42.A Simple Illustration of the Transmit Section, within the XRT7250, when it has been configured to op- erate in the DS3 Mode .................................................................................................................................. 132 Figure 43.A Simple Illustration of the Transmit Payload Data Input Interface Block ..................................... 133 Figure 44.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block (of the XRT7250) for Mode 1(Serial/Loop-Timing) Operation .............................................................. 136 Figure 45.Behavior of the Terminal Interface signals between the Transmit Payload Data Input Interface block of the XRT7250 and the Terminal Equipment (for Mode 1 Operation) ......................................................... 137 Figure 46.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 2 (Serial/Local-Timed/Frame-Slave) Operation .......................................... 138 Figure 47.Behavior of the Terminal Interface signals between the XRT7250 and the Terminal Equipment (Mode 2 Operation) .................................................................................................................................................. 139 Figure 48.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 3 (Serial/Local-Timed/Frame-Master) Operation ........................................ 140 Figure 49.Behavior of the Terminal Interface signals between the XRT7250 and the Terminal Equipment (DS3 Mode 3 Operation) ........................................................................................................................................ 141 Figure 50.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 4 (Nibble-Parallel/Loop-Timed) Operation .................................................. 142 Figure 51.Behavior of the Terminal Interface signals between the XRT7250 and the Terminal Equipment (Mode 4 Operation) .................................................................................................................................................. 143 Figure 52.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 5 (Nibble-Parallel/Local-Timed/Frame-Slave) Operation ........................... 145 Figure 53.Behavior of the Terminal Interface signals between the XRT7250 and the Terminal Equipment (DS3 Mode 5 Operation) ........................................................................................................................................ 146 Figure 54.Illustration of the Terminal Equipment being interfaced to the Transmit Payload Data Input Interface block of the XRT7250 for Mode 6 (Nibble-Parallel/Local-Timed/Frame-Master) Operation ......................... 147 Figure 55.Behavior of the Terminal Interface signals between the XRT7250 and the Terminal Equipment (DS3 Mode 6 Operation) ........................................................................................................................................ 148 Figure 56.Simple Illustration of the Transmit Overhead Data Input Interface block ...................................... 149 Figure 57.Illustration of the Terminal Equipment being interfaced to the Transmit Overhead Data Input Interface (Method 1) ..................................................................................................................................................... 152 Figure 58.Illustration of the signal that must occur between the Terminal Equipment and the XRT7250, in order to configure the XRT7250 to transmit a Yellow Alarm to the remote terminal equipment ............................. 155 Figure 59.Illustration of the Terminal Equipment being interfaced to the Transmit Overhead Data Input Interface (Method 2) ..................................................................................................................................................... 157 Figure 60.Behavior of Transmit Overhead Data Input Interface signals between the XRT7250 and the Terminal Equipment (for Method 2) ............................................................................................................................. 160 Figure 61.A Flow Chart depicting how to transmit a FEAC Message via the FEAC Transmitter .................. 162 Figure 62.LAPD Message Frame Format ..................................................................................................... 163 Figure 63.Flow Chart depict how to use the LAPD Transmitter .................................................................... 166 Figure 64.A Simple Illustration of the Transmit DS3 Framer Block and the associated paths to other Functional Blocks ........................................................................................................................................................... 168 Figure 65.Approach to Interfacing the XRT7250 Framer IC to the XRT7300 DS3/E3/STS-1 Transmitter LIU .... |