công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NUC029-FAE bảng dữ liệu(PDF) 10 Page - Nuvoton Technology Corporation

tên linh kiện NUC029-FAE
Giải thích chi tiết về linh kiện  ARM짰 Cortex짰-M0 32-bit Microcontroller
PDF  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NUVOTON [Nuvoton Technology Corporation]
Trang chủ  http://www.nuvoton.com
Logo NUVOTON - Nuvoton Technology Corporation

NUC029-FAE bảng dữ liệu(HTML) 10 Page - Nuvoton Technology Corporation

Back Button NUC029-FAE Datasheet HTML 6Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 7Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 8Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 9Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 10Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 11Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 12Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 13Page - Nuvoton Technology Corporation NUC029-FAE Datasheet HTML 14Page - Nuvoton Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 111 page
background image
NUC029xAN_xAE
Apr 09, 2020
Page 10 of 111
Rev 1.11
(NUC029xAN only)
Supports Inter-Timer trigger mode (NUC029xAN only)
Supports internal signal (CPO0, CPO1) for interval measurement (NUC029FAE only)
WDT (Watchdog Timer)
Multiple clock sources
Supports wake-up from Power-down or Sleep mode
Interrupt or reset selectable on watchdog time-out
Time-out reset delay period can be selected to 3/18/130/1026 * WDT_CLK
(NUC029xAN only)
WWDT (Window Watchdog Timer) (NUC029xAN only)
6-bit down counter with 11-bit pre-scale for wide range window selected
PWM Generator and Capture Timer (NUC029xAN only)
Up to four built-in 16-bit PWM generators, providing eight PWM outputs or four
complementary paired PWM outputs
Individual clock source, clock divider, 8-bit pre-scalar and dead-zone generator for
each PWM generator
PWM interrupt synchronized to PWM period
16-bit digital Capture timers with rising/falling capture inputs
Supports capture interrupt
Internal 10 kHz to PWM clock source
Polar inverse function
Center-aligned type function
Timer duty interrupt enable function
Two kinds of PWM interrupt period type selection
Two kinds of PWM interrupt duty type selection
Period/duty trigger ADC function
PWM Timer synchronous start function
Enhanced PWM Generator (NUC029FAE only)
Independent 16-bit PWM duty control units with maximum three outputs
Supports group/synchronous/independent/ complementary modes
Supports One-shot or Auto-reload mode
Supports Edge-aligned and Center-aligned type
Programmable dead-zone insertion between complementary channels
Each output has independent polarity setting control
Hardware fault brake protections
Supports duty, period, and fault break interrupts
Supports duty/period trigger ADC conversion
Timer comparing matching event trigger PWM to do phase change
Supports comparator event trigger PWM to force PWM output low for current period
Provides interrupt accumulation function
UART
Up to two sets of UART devices
Programmable baud-rate generator
Buffered receiver and transmitter, each with 16 bytes FIFO
Optional flow control function (CTS and RTS)
Supports IrDA(SIR) function
Supports RS-485 function
Supports LIN function (NUC029xAN only)
SPI
Up to two sets of SPI devices
Supports Master/Slave mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com