công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCW1-6000 bảng dữ liệu(PDF) 1 Page - Mini-Circuits

tên linh kiện TCW1-6000
Giải thích chi tiết về linh kiện  RF Transformer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MINI [Mini-Circuits]
Trang chủ  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TCW1-6000 bảng dữ liệu(HTML) 1 Page - Mini-Circuits

  TCW1-6000 Datasheet HTML 1Page - Mini-Circuits TCW1-6000 Datasheet HTML 2Page - Mini-Circuits TCW1-6000 Datasheet HTML 3Page - Mini-Circuits TCW1-6000 Datasheet HTML 4Page - Mini-Circuits TCW1-6000 Datasheet HTML 5Page - Mini-Circuits TCW1-6000 Datasheet HTML 6Page - Mini-Circuits TCW1-6000 Datasheet HTML 7Page - Mini-Circuits TCW1-6000 Datasheet HTML 8Page - Mini-Circuits TCW1-6000 Datasheet HTML 9Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Page 1 of 2
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Electrical Specifications at 25°C
Maximum Ratings
Parameter
Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
RF Power3
0.5W
Pad Connections
Function
Pin Number
PRIMARY DOT (Unbalanced Port)
1
GND or DC feed + RF
2
SECONDARY DOT (Balanced)
3
SECONDARY (Balanced)
4
NO CONNECTION
6
GND
5
TCW1-6000+
50Ω
3200 to 6000 MHz 1:1 Ratio
RF Transformer
Ceramic Balun
CASE STYLE: JC0603C
Available Tape
and Reel
at no extra cost
Reel Size
Devices/Reel
7”
20, 50, 100, 200, 500,1000, 4000
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
Generic photo used for illustration purposes only
3. Passband rating
Permanent damage may occur if any of these limits are exceeded.
Features
• wideband, 3200 to 6000 MHz
• miniature size 0603 (1.6x0.8mm)
• LTCC construction
• low cost
• aqueous washable
Applications
• WLAN
• A/D conversion
• WiFi
• transmitters and receivers
• cellular
Parameter
Frequency (MHz)
Min.
Typ.
Max.
Unit
Impedance Ratio
1
Frequency Range
3200
6000
MHz
Insertion Loss1
3200 - 6000
1.1
2.0
dB
Amplitude Unbalance
3200 - 6000
1.5
2.2
dB
Phase Unbalance2
3200 - 6000
10
13
Degree
1. Reference Demo Board TB-912+
2. Relative to 180°
Configuration R
REV. OR
ECO-001060
TCW1-6000+
AVB/CP/AM
200403


Số phần tương tự - TCW1-6000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
TCW1-6000+ MINI-TCW1-6000+ Datasheet
591Kb / 1P
Baluns/Transformers
REV. OR
More results

Mô tả tương tự - TCW1-6000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Mini-Circuits
TC4-1WG2 MINI-TC4-1WG2 Datasheet
114Kb / 1P
RF Transformer
TC133-282 MINI-TC133-282 Datasheet
262Kb / 2P
RF Transformer
logo
M/A-COM Technology Solu...
DS-MABA-007748-CT1160 MA-COM-DS-MABA-007748-CT1160 Datasheet
361Kb / 3P
RF Transformer
logo
XFMRS Inc.
XFWB3010 XFMRS-XFWB3010 Datasheet
40Kb / 1P
RF TRANSFORMER
logo
Pulse A Technitrol Comp...
CX2078NL PULSE-CX2078NL Datasheet
179Kb / 2P
RF TRANSFORMER
logo
XFMRS Inc.
XFWB-1-A XFMRS-XFWB-1-A_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XFWB-4-1T XFMRS-XFWB-4-1T_15 Datasheet
39Kb / 1P
RF TRANSFORMER
XFWB3010 XFMRS-XFWB3010_15 Datasheet
40Kb / 1P
RF TRANSFORMER
XF458PT-1720 XFMRS-XF458PT-1720 Datasheet
37Kb / 1P
RF TRANSFORMER
XFWB1010 XFMRS-XFWB1010 Datasheet
38Kb / 1P
RF TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com