công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5000 bảng dữ liệu(PDF) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

tên linh kiện R5000
Giải thích chi tiết về linh kiện  0.5/0.2Amp High Voltage Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Trang chủ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

R5000 bảng dữ liệu(HTML) 1 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  R5000 Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD R5000 Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD R5000 Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R1200 THRU R5000 DO-41 DO-15
1 / 3
www.yfwdiode.com
Dongguan YFW Electronics Co, Ltd.
0.5/0.2Amp High Voltage Rectifier
Reverse Voltage - 1200 to 5000 V
Forward Current
– 0.5/0.2A
FEATURES
Construction utilizes void-free molded plastic technique
Low profile package
High forward surge current capability
High temperature soldering guaranteed: 250°C/10
seconds,0.375"(9.5mm) lead length, 5 lbs. (2.3kg) tension
Lead free in comply with EU RoHS 2011/65/EU directives
MECHANICAL DATA
Case: DO-41/DO-15
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.33g / 0.012oz(DO-41)
Approx. Weight: 0.40g / 0.014oz(DO-15)
DO-41/ DO-15
Absolute Maximum Ratings and characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Single phase half-wave 60 Hz, resistive or inductive load, for capacitive load current derate by 20 %.
Parameter
Symbols
R1200 R1500 R1800 R2000 R2500 R3000 R3500 R4000 R5000 Units
Maximum Repetitive Peak Reverse Voltage
VRRM
1200
1500
1800
2000
2500
3000
3500
4000
5000
V
Maximum RMS voltage
VRMS
840
1050
1260
1400
1750
2100
3450
2800
3500
V
Maximum DC Blocking Voltage
VDC
1200
1500
1800
2000
2500
3000
3500
4000
5000
V
Maximum Average Forward Rectified Current
at Tc = 125 °C
IF(AV)
0.5
0.2
A
Peak Forward Surge Current 8.3 ms Single
Half Sine Wave Superimposed on Rated Load
IFSM
30.0
A
Maximum Instantaneous Forward Voltage at 0.5 A
VF
2.0
3.0
4.0
5.0
V
Maximum DC Reverse Current Ta = 25 °C
at Rated DC Blocking Voltage
Ta=100 °C
IR
10.0
200.0
μA
Typical Junction Capacitance
(
1)
Cj
15.0
pF
Typical Thermal Resistance
(
2)
RθJA
50.0
°C/W
Operating and Storage Temperature Range
Tj, Tstg
-55 ~ +150
°C
(1)Measured at 1MHz and applied reverse voltage of 4.0V D.C.
(2)Thermal resistance from junction to ambient at 0.375
”(9.5mm)lead length,P.C.B. mounted


Số phần tương tự - R5000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rectron Semiconductor
R5000 RECTRON-R5000 Datasheet
19Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
MIC GROUP RECTIFIERS
R5000 MIC-R5000 Datasheet
172Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
R5000 CHONGQING-R5000 Datasheet
38Kb / 1P
HIGH VOLTAGE SILICON RECTIFIER
logo
Shenzhen Ping Sheng Ele...
R5000 PFS-R5000 Datasheet
331Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R5000 DIOTECH-R5000 Datasheet
704Kb / 2P
HIGH VOLTAGE SILICON RECTIFIER
More results

Mô tả tương tự - R5000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Solid States Devices, I...
SUM20F SSDI-SUM20F Datasheet
61Kb / 2P
0.5 AMPS 2000 - 5000 VOLTS 180 nsec HIGH VOLTAGE RECTIFIER
SAM50FA SSDI-SAM50FA Datasheet
328Kb / 2P
0.5 AMP 5000 VOLTS 150 nsec HIGH VOLTAGE RECTIFIER
logo
Sirectifier Global Corp...
CH520S-30PT SIRECT-CH520S-30PT Datasheet
172Kb / 2P
Schottky Rectifier - 0.2Amp 30Volt
CH521S-30PT SIRECT-CH521S-30PT Datasheet
172Kb / 2P
Schottky Rectifier - 0.2Amp 30Volt
logo
Rugao Dachang Electroni...
R2000 DACHANG-R2000 Datasheet
116Kb / 2P
High Voltage Rectifier Reverse Voltage 2000V Forward Current 0.5 A
logo
Shenzhen Luguang Electr...
LL4148 LUGUANG-LL4148 Datasheet
299Kb / 2P
0.2AMP. High Speed Switching Rectifiers
logo
Chongqing Pingwei Enter...
R1200 CHONGQING-R1200_16 Datasheet
176Kb / 1P
0.5&0.2AMPS.HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200 YFWDIODE-R1200_V02 Datasheet
524Kb / 3P
0.5/0.2Amp High Voltage Rectifier
R4000F YFWDIODE-R4000F Datasheet
476Kb / 3P
0.2Amp High Voltage Rectifier
logo
Rectron Semiconductor
HFM2000W RECTRON-HFM2000W Datasheet
140Kb / 5P
HIGH VOLTAGE VOLTAGE RANGE 2000 V olts CURRENT 0.5 Ampere HIGH EFFICIENCY RECTIFIER
2020-04/25 REV:O
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com