công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8428EPWPR bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DRV8428EPWPR
Giải thích chi tiết về linh kiện  DRV8428E/P Dual H-Bridge Motor Drivers With Integrated Current Sense and Smart Tune Technology
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

DRV8428EPWPR bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button DRV8428EPWPR Datasheet HTML 17Page - Texas Instruments DRV8428EPWPR Datasheet HTML 18Page - Texas Instruments DRV8428EPWPR Datasheet HTML 19Page - Texas Instruments DRV8428EPWPR Datasheet HTML 20Page - Texas Instruments DRV8428EPWPR Datasheet HTML 21Page - Texas Instruments DRV8428EPWPR Datasheet HTML 22Page - Texas Instruments DRV8428EPWPR Datasheet HTML 23Page - Texas Instruments DRV8428EPWPR Datasheet HTML 24Page - Texas Instruments DRV8428EPWPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21
DRV8428E, DRV8428P
www.ti.com
SLOSE51 – JUNE 2020
Product Folder Links: DRV8428E DRV8428P
Submit Documentation Feedback
Copyright © 2020, Texas Instruments Incorporated
7.3.5 Logic and Seven-Level Pin Diagrams
Figure 11 gives the input structure for logic-level pins APH, AEN, BPH, BEN, AIN1, AIN2, BIN1, BIN2 and
nSLEEP:
Figure 11. Logic-level Input Pin Diagram
Seven-level logic pin DECAY/TOFF has the following structure as shown in Figure 12.
Figure 12. Seven-Level Input Pin Diagram
7.3.6 Protection Circuits
The devices are fully protected against supply undervoltage, charge pump undervoltage, output overcurrent, and
device overtemperature events.
7.3.6.1 VM Undervoltage Lockout (UVLO)
If at any time the voltage on the VM pin falls below the UVLO-threshold voltage for the voltage supply, all the
outputs are disabled. Normal operation resumes when the VM undervoltage condition is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com