| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TDA7513T bảng dữ liệu(PDF) 46 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TDA7513T bảng dữ liệu(HTML) 46 Page - STMicroelectronics |
|
46 / 59 page ![]() TDA7513T 46/59 SUBADDRESS 28: ISS tests SUBADDRESS 29: Tuner and Smeter tests 01 0000 00 test MDSCO 10 0000 00 test ISSout MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 ISS test multiplexer (2) 0000 00 no test 0000 01 test dev+ 0000 10 test dev+ 0001 00 test ref dev 0010 00 test dem Vout 0100 00 test ISS in 1000 00 test ISSC ik Enble ISS test in 0 test in ISS disable 1 test in ISS enable ISS test clock 0 test ISS clock disable 1 test ISS clock enable MSB LSB FUNCTION D7 D6 D5 D4 D3 D2 D1 D0 SMETER test multiplexer 0000 00 test off 0000 01 test AMAGC1W 0000 10 test AMAGC1N 0000 11 test AMAGC1UN 0001 00 test FM Smute Threshold 0101 01 test FMSMStop 0001 10 test AMIF2Amp 0001 11 test AMSDDAC 0010 00 test FMKAGC 0010 01 test FMACMDisable 0010 10 test FMDemodAdjON 0010 11 test FMDemodAdjONMute 0011 00 test FMACMuteRct 0011 01 test FSISSONThreshold 0011 10 test FSISSON 0011 11 test ISSInput 0 Smeter OUT ACD enable 1 test Smete IN MSB LSB FUNCTION |