công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM29DL642G bảng dữ liệu(PDF) 9 Page - Advanced Micro Devices

tên linh kiện AM29DL642G
Giải thích chi tiết về linh kiện  128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only Simultaneous Read/Write Flash Memo
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AMD [Advanced Micro Devices]
Trang chủ  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL642G bảng dữ liệu(HTML) 9 Page - Advanced Micro Devices

Back Button AM29DL642G Datasheet HTML 5Page - Advanced Micro Devices AM29DL642G Datasheet HTML 6Page - Advanced Micro Devices AM29DL642G Datasheet HTML 7Page - Advanced Micro Devices AM29DL642G Datasheet HTML 8Page - Advanced Micro Devices AM29DL642G Datasheet HTML 9Page - Advanced Micro Devices AM29DL642G Datasheet HTML 10Page - Advanced Micro Devices AM29DL642G Datasheet HTML 11Page - Advanced Micro Devices AM29DL642G Datasheet HTML 12Page - Advanced Micro Devices AM29DL642G Datasheet HTML 13Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
June 10, 2005
Am29DL642G
7
PRELIMINARY
PIN DESCRIPTION
A21–A0
= 22 Addresses inputs
DQ15–DQ0 = 16 Data inputs/outputs
CE#
= Chip Enable input
CE2#
= Chip Enable input for second die
OE#
= Output Enable input
WE#
= Write Enable input
WP#/ACC
= Hardware Write Protect/Acceleration
Pin
RESET#
= Hardware Reset Pin input
RY/BY#
= Ready/Busy output
V
CC
= 3.0 volt-only single power supply
(see Product Selector Guide for
speed options and voltage
supply tolerances)
V
SS
= Device Ground
NC
= Pin Not Connected Internally
LOGIC SYMBOL
22
16
DQ15–DQ0
A21–A0
CE#
CE2#
OE#
WP#/ACC
RY/BY#
WE#
RESET#



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54