| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
5KP40C bảng dữ liệu(PDF) 3 Page - Formosa MS |
|
|
|||||||||||||||||||||||||||||
5KP40C bảng dữ liệu(HTML) 3 Page - Formosa MS |
|
3 / 4 page ![]() PAGE . 3 STAD-NOV.11.2003 r e b m u N t r a P V RWM V BR I @ T IR @VRWM VC @IPP . n i M . x a M I T - I N U - I B - I N U - I B V V V A m A u A u V A r o s s e r p p u S e g a t l o V t n e i s n a r T W 0 0 0 5 3 4 P K 5 C 3 4 P K 5 3 4 0 8 . 7 4 0 5 . 0 6 0 . 5 0 1 0 1 7 . 6 7 5 6 A 3 4 P K 5 A C 3 4 P K 5 3 4 0 8 . 7 4 0 9 . 4 5 0 . 5 0 1 0 1 4 . 9 6 2 7 5 4 P K 5 C 5 4 P K 5 5 4 0 0 . 0 5 0 3 . 3 6 0 . 5 0 1 0 1 3 . 0 8 2 6 A 5 4 P K 5 A C 5 4 P K 5 5 4 0 0 . 0 5 0 5 . 7 5 0 . 5 0 1 0 1 7 . 2 7 9 6 8 4 P K 5 C 8 4 P K 5 8 4 0 3 . 3 5 0 5 . 7 6 0 . 5 0 1 0 1 5 . 5 8 8 5 A 8 4 P K 5 A C 8 4 P K 5 8 4 0 3 . 3 5 0 3 . 1 6 0 . 5 0 1 0 1 4 . 7 7 5 6 1 5 P K 5 C 1 5 P K 5 1 5 0 7 . 6 5 0 8 . 1 7 0 . 5 0 1 0 1 1 . 1 9 5 5 A 1 5 P K 5 A C 1 5 P K 5 1 5 0 7 . 6 5 0 2 . 5 6 0 . 5 0 1 0 1 4 . 2 8 1 6 4 5 P K 5 C 4 5 P K 5 4 5 0 0 . 0 6 0 0 . 6 7 0 . 5 0 1 0 1 3 . 6 9 2 5 A 4 5 P K 5 A C 4 5 P K 5 4 5 0 0 . 0 6 0 0 . 9 6 0 . 5 0 1 0 1 1 . 7 8 7 5 8 5 P K 5 C 8 5 P K 5 8 5 0 4 . 4 6 0 6 . 1 8 0 . 5 0 1 0 1 3 0 1 9 4 A 8 5 P K 5 A C 8 5 P K 5 8 5 0 4 . 4 6 0 1 . 4 7 0 . 5 0 1 0 1 6 . 3 9 3 5 0 6 P K 5 C 0 6 P K 5 0 6 0 7 . 6 6 0 5 . 4 8 0 . 5 0 1 0 1 7 0 1 7 4 A 0 6 P K 5 A C 0 6 P K 5 0 6 0 7 . 6 6 0 7 . 6 7 0 . 5 0 1 0 1 8 . 6 9 2 5 4 6 P K 5 C 4 6 P K 5 4 6 0 1 . 1 7 0 1 . 0 9 0 . 5 0 1 0 1 4 1 1 4 4 A 4 6 P K 5 A C 4 6 P K 5 4 6 0 1 . 1 7 0 8 . 1 8 0 . 5 0 1 0 1 3 0 1 9 4 0 7 P K 5 C 0 7 P K 5 0 7 0 8 . 7 7 0 6 . 8 9 0 . 5 0 1 0 1 5 2 1 0 4 A 0 7 P K 5 A C 0 7 P K 5 0 7 0 8 . 7 7 0 5 . 9 8 0 . 5 0 1 0 1 3 1 1 4 4 5 7 P K 5 C 5 7 P K 5 5 7 0 3 . 3 8 7 . 5 0 1 0 . 5 0 1 0 1 4 3 1 7 3 A 5 7 P K 5 A C 5 7 P K 5 5 7 0 3 . 3 8 0 8 . 5 9 0 . 5 0 1 0 1 1 2 1 1 4 8 7 P K 5 C 8 7 P K 5 8 7 0 7 . 6 8 8 . 9 0 1 0 . 5 0 1 0 1 9 3 1 6 3 A 8 7 P K 5 A C 8 7 P K 5 8 7 0 7 . 6 8 7 . 9 9 0 . 5 0 1 0 1 6 2 1 0 4 5 8 P K 5 C 5 8 P K 5 5 8 0 4 . 4 9 2 . 9 1 1 0 . 5 0 1 0 1 1 5 1 3 3 A 5 8 P K 5 A C 5 8 P K 5 5 8 0 4 . 4 9 2 . 8 0 1 0 . 5 0 1 0 1 7 3 1 6 3 0 9 P K 5 C 0 9 P K 5 0 9 0 0 1 5 . 6 2 1 0 . 5 0 1 0 1 0 6 1 1 3 A 0 9 P K 5 A C 0 9 P K 5 0 9 0 0 1 5 . 5 1 1 0 . 5 0 1 0 1 6 4 1 4 3 0 0 1 P K 5 C 0 0 1 P K 5 0 0 1 1 1 1 0 . 1 4 1 0 . 5 0 1 0 1 9 7 1 8 2 A 0 0 1 P K 5 A C 0 0 1 P K 5 0 0 1 1 1 1 0 . 8 2 1 0 . 5 0 1 0 1 2 6 1 1 3 0 1 1 P K 5 C 0 1 1 P K 5 0 1 1 2 2 1 5 . 4 5 1 0 . 5 0 1 0 1 6 9 1 6 2 A 0 1 1 P K 5 A C 0 1 1 P K 5 0 1 1 2 2 1 5 . 0 4 1 0 . 5 0 1 0 1 7 7 1 8 2 0 2 1 P K 5 C 0 2 1 P K 5 0 2 1 3 3 1 0 . 9 6 1 0 . 5 0 1 0 1 4 1 2 3 2 A 0 2 1 P K 5 A C 0 2 1 P K 5 0 2 1 3 3 1 0 . 3 5 1 0 . 5 0 1 0 1 3 9 1 0 2 0 3 1 P K 5 C 0 3 1 P K 5 0 3 1 4 4 1 5 . 2 8 1 0 . 5 0 1 0 1 1 3 2 2 2 A 0 3 1 P K 5 A C 0 3 1 P K 5 0 3 1 4 4 1 5 . 5 6 1 0 . 5 0 1 0 1 9 0 2 4 2 0 5 1 P K 5 C 0 5 1 P K 5 0 5 1 7 6 1 5 . 1 1 2 0 . 5 0 1 0 1 8 6 2 9 1 A 0 5 1 P K 5 A C 0 5 1 P K 5 0 5 1 7 6 1 5 . 2 9 1 0 . 5 0 1 0 1 3 4 2 1 2 0 6 1 P K 5 C 0 6 1 P K 5 0 6 1 8 7 1 0 . 6 2 2 0 . 5 0 1 0 1 7 8 2 7 1 A 0 6 1 P K 5 A C 0 6 1 P K 5 0 6 1 8 7 1 0 . 5 0 2 0 . 5 0 1 0 1 9 5 2 9 1 0 7 1 P K 5 C 0 7 1 P K 5 0 7 1 9 8 1 5 . 9 3 2 0 . 5 0 1 0 1 4 0 3 6 1 A 0 7 1 P K 5 A C 0 7 1 P K 5 0 7 1 9 8 1 5 . 7 1 2 0 . 5 0 1 0 1 5 7 2 8 1 0 8 1 P K 5 C 0 8 1 P K 5 0 8 1 8 9 1 8 . 3 5 2 0 . 1 0 1 0 1 2 2 3 6 1 A 0 8 1 P K 5 A C 0 8 1 P K 5 0 8 1 8 9 1 4 . 0 3 2 0 . 1 0 1 0 1 2 9 2 7 1 0 9 1 P K 5 C 0 9 1 P K 5 0 9 1 9 0 2 9 . 7 6 2 0 . 1 0 1 0 1 0 4 3 5 1 A 0 9 1 P K 5 A C 0 9 1 P K 5 0 9 1 9 0 2 2 . 3 4 2 0 . 1 0 1 0 1 8 0 3 6 1 0 0 2 P K 5 C 0 0 2 P K 5 0 0 2 0 2 2 0 . 2 8 2 0 . 1 0 1 0 1 8 5 3 4 1 A 0 0 2 P K 5 A C 0 0 2 P K 5 0 0 2 0 2 2 0 . 6 5 2 0 . 1 0 1 0 1 4 2 3 5 1 0 1 2 P K 5 C 0 1 2 P K 5 0 1 2 1 3 2 1 . 6 9 2 0 . 1 0 1 0 1 6 7 3 3 1 A 0 1 2 P K 5 A C 0 1 2 P K 5 0 1 2 1 3 2 8 . 8 6 2 0 . 1 0 1 0 1 0 4 3 5 1 0 2 2 P K 5 C 0 2 2 P K 5 0 2 2 2 4 2 2 . 0 1 3 0 . 1 0 1 0 1 4 9 3 3 1 A 0 2 2 P K 5 A C 0 2 2 P K 5 0 2 2 2 4 2 6 . 1 8 2 0 . 1 0 1 0 1 6 5 3 4 1 |